Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA820IDBVT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA820IDBVT
Description  Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA820IDBVT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA820IDBVT Datasheet HTML 1Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 2Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 3Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 4Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 5Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 6Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 7Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 8Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA820
SBOS303A − JUNE 2004 − REVISED JULY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted.
OPA820ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE
Small-Signal Bandwidth
G = +1, VO = 0.1VPP, RF = 0Ω
800
MHz
typ
C
G = +2, VO = 0.1VPP
240
170
160
155
MHz
min
B
G = +10, VO = 0.1VPP
30
23
21
20
MHz
min
B
Gain-Bandwidth Product
G
≥ 20
280
220
204
200
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.1VPP
38
MHz
typ
C
Peaking at a Gain of +1
VO = 0.1VPP, RF = 0
0.5
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
85
MHz
typ
C
Slew Rate
G = +2, 2V Step
240
192
186
180
V/
µs
min
B
Rise Time and Fall Time
G = +2, VO = 0.2V Step
1.5
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
22
ns
typ
C
to 0.1%
G = +2, VO = 2V Step
18
ns
typ
C
Harmonic Distortion
G = +2, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 200Ω
−85
−81
−80
−79
dBc
max
B
RL ≥ 500Ω
−90
−85
−83
−81
dBc
max
B
3rd-Harmonic
RL = 200Ω
−95
−90
−89
−88
dBc
max
B
RL ≥ 500Ω
−110
−105
−102
−100
dBc
max
B
Input Voltage Noise
f > 100kHz
2.5
2.7
2.8
2.9
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
1.7
2.6
2.8
3.0
pA/
√Hz
max
B
Differential Gain
G = +2, PAL, VO = 1.4VPP, RL = 150Ω
0.01
%
typ
C
Differential Phase
G = +2, PAL, VO = 1.4VPP, RL = 150Ω
0.03
°
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)
VO = 0V, Input-Referred
66
62
61
60
dB
min
A
Input Offset Voltage
VCM = 0V
±0.2
±0.75
±1.0
±1.2
mV
max
A
Average Input Offset Voltage Drift
VCM = 0V
4
4
µV/°C
max
B
Input Bias Current
VCM = 0V
−9
−17
−19
−23
µΑ
max
A
Average Input Bias Current Drift
VCM = 0V
30
50
nA/
°C
max
B
Input Offset Current
VCM = 0V
±100
±400
±600
±700
nA
max
A
Inverting Input Bias Current Drift
VCM = 0V
5
5
nA/
°C
max
B
INPUT
Common-Mode Input Range (CMIR)(5)
±4.0
±3.8
±3.7
±3.6
V
min
A
Common-Mode Rejection Ratio
VCM = 0V, Input-Referred
85
76
75
73
dB
min
A
Input Impedance
Differential Mode
VCM = 0V
18
 0.8
k
Ω pF
typ
C
Common Mode
VCM = 0V
6
 1.0
M
Ω pF
typ
C
OUTPUT
Output Voltage Swing
No Load
±3.7
±3.5
±3.45
±3.4
V
min
A
RL = 100Ω
±3.6
±3.5
±3.45
±3.4
V
min
A
Output Current
VO = 0
±110
±90
±80
±75
mA
min
A
Short-Circuit Output Current
Output Shorted to Ground
±125
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.04
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6.0
±6.0
±6.0
v
max
A
Maximum Quiescent Current
VS = ±5V
5.6
5.75
6.2
6.4
mA
max
A
Minimum Quiescent Current
VS = ±5V
5.6
5.45
5.0
4.8
mA
min
A
Power-Supply Rejection Ratio (−PSRR)
Input Referred
72
64
63
62
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
D
SO-8
Junction-to-Ambient
125
°C/W
typ
C
DBV
SOT23-5
Junction-to-Ambient
150
°C/W
typ
C
(1)
Junction temperature = ambient for +25
°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +9
°C at high temperature limit for over temperature.
(3)
Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at
± CMIR limits.


Similar Part No. - OPA820IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820IDBVT TI1-OPA820IDBVT Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820IDBVTG4 TI1-OPA820IDBVTG4 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA820IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com