Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ612 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # GBJ612
Description  Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

GBJ612 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  GBJ612 Datasheet HTML 1Page - Sirectifier Semiconductors GBJ612 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ6005 thru GBJ61
6
FEATURES
* Rating to 1000V PRV
* Ideal for printed circuit board
* Low forward voltage drop, high current capability
* Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
MECHANICAL DATA
* Polarity: Symbols molded on body
* Weight: 7 grams
* Mounting position: Any
GBJ6005
GBJ60
2
GBJ60
4
GBJ60
6
GBJ60
8
GBJ6
12
GBJ61
6
VRRM
V
50
200
400
600
800
1200
1600
VRMS
V
35
140
280
420
560
840
1120
VDC
V
50
200
400
600
800
1200
1600
Single Phase Bridge Rectifiers
Symbol
Characteristics
I(AV)
Maximum Average Forward (With Heatsink Note 2)
Rectified Current
@TC=110oC (Without Heatsink)
Maximum Ratings
6.0
2.8
A
Unit
Dimensions GBJ(RS6M)
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 3.0A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
170
1.0
5.0
500
A
V
uA
o
o
I
2t
I2t Rating For Fusing (t < 8.3 ms)
120
A2S
CJ
Typical Junction Capacitance Per Element (Note 1)
TSTG
Storage Temperature Range
55
-55 to +150
pF
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Device Mounted On 75mm x 75mm x 1.6mm Cu Plate Heatsink.
Typical Thermal Resistance (Note 2)
1.8
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +150
C
o
* RoHS compliant
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - GBJ612

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ610 MCC-GBJ610 Datasheet
89Kb / 2P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
RFE international
GBJ610 RFE-GBJ610 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
logo
Yea Shin Technology Co....
GBJ610 YEASHIN-GBJ610 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBJ610 YANGJIE-GBJ610 Datasheet
336Kb / 4P
   Bridge Rectifiers
logo
List of Unclassifed Man...
GBJ610 ETC1-GBJ610 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
More results

Similar Description - GBJ612

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com