Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63YXF47MEFC8X11.5 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 63YXF47MEFC8X11.5
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63YXF47MEFC8X11.5 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  63YXF47MEFC8X11.5 Datasheet HTML 1Page - RUBYCON CORPORATION 63YXF47MEFC8X11.5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
25
35
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
100
220
330
470
1000
2200
3300
4700
6800
10000
47
100
220
330
470
1000
2200
3300
4700
6800
33
47
100
220
330
470
1000
2200
3300
4700
33
47
100
220
330
470
1000
2200
3300
5×11
6.3×11
6.3×11
8×11.5
10×12.5
12.5×20
12.5×20
16×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
18×35.5
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
10×12.5
10×16
10×20
12.5×25
16×31.5
18×35.5
150
250
250
400
580
1300
1300
1850
1850
2000
2200
150
250
400
400
770
1300
1650
1850
2000
2200
150
250
400
400
580
1050
1650
1850
2000
2200
150
150
250
400
580
770
1300
1850
2000
2200
150
250
400
580
770
1050
1650
2000
2200
0.90
0.40
0.40
0.25
0.16
0.062
0.062
0.034
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.12
0.062
0.048
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.16
0.078
0.048
0.034
0.029
0.025
0.90
0.90
0.40
0.25
0.16
0.12
0.062
0.034
0.029
0.025
0.90
0.40
0.25
0.16
0.12
0.078
0.048
0.029
0.025
3.6
1.6
1.6
1.0
0.65
0.21
0.21
0.096
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.46
0.21
0.16
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.65
0.30
0.16
0.096
0.087
0.058
3.6
3.6
1.6
1.0
0.65
0.46
0.21
0.096
0.087
0.058
3.6
1.6
1.0
0.65
0.46
0.30
0.16
0.087
0.058
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
10
22
33
47
100
220
330
470
1000
1
2.2
3.3
4.7
10
22
33
47
100
220
330
5×11
5×11
5×11
5×11
5×11
5×11
6.3×11
6.3×11
8×11.5
10×16
10×20
12.5×20
16×25
18×35.5
5×11
6.3×11
6.3×11
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
5×11
5×11
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×25
30
43
53
88
100
150
250
250
400
770
1050
1300
1850
2200
87
140
140
210
300
520
660
750
1390
20
30
40
65
140
160
230
290
430
900
900
4.0
2.5
2.2
1.9
1.5
0.90
0.40
0.40
0.25
0.12
0.078
0.062
0.034
0.025
2.3
1.3
1.2
0.63
0.43
0.21
0.16
0.12
0.054
4.5
3.0
2.7
2.5
1.2
0.63
0.43
0.31
0.16
0.073
0.073
8.0
6.0
5.6
5.0
4.0
3.6
1.6
1.6
1.0
0.46
0.30
0.21
0.096
0.058
9.3
5.2
5.0
2.8
1.8
0.84
0.64
0.45
0.20
15.0
13.0
11.0
10.0
5.0
2.8
1.8
1.5
0.64
0.27
0.27
50
63
100


Similar Part No. - 63YXF47MEFC8X11.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63YXF47M8X115 RUBYCON-63YXF47M8X115 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63YXF47MEFC8X11.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com