Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH183AN103CC Datasheet(PDF) 4 Page - Rohm

Part # MCH183AN103CC
Description  1608(0603)Size chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH183AN103CC Datasheet(HTML) 4 Page - Rohm

  MCH183AN103CC Datasheet HTML 1Page - Rohm MCH183AN103CC Datasheet HTML 2Page - Rohm MCH183AN103CC Datasheet HTML 3Page - Rohm MCH183AN103CC Datasheet HTML 4Page - Rohm MCH183AN103CC Datasheet HTML 5Page - Rohm MCH183AN103CC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCH03 Series, MCH15 Series, MCH18 Series, MCH21 Series, MCH31 Series,
MCH32 Series, MCH43 Series, MCH55 Series
Characteristics
Packing specification
A(CG)
(C0G)
(CH)Characteristics
CN(R)
(B)
(X5R)
(X7R)Characteristics
FN(F)
(Y5V)Characteristics
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
C
E
D
H
F
A
B
φJ
t
t1
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
MCH03
Code
A
B
C
D
E
F
H
J
t
t1
C
E
D
H
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
+0.1
0
0.37
±0.03
0.67
±0.03
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.42
±0.02
0.5
MAX
MCH18
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
1.0
±0.05
1.8
±0.05
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.05
MAX.
1.2
MAX.
MCH21
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.5
±0.2
2.3
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH31
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.9
±0.2
3.5
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH32
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
2.9
3.6
8.0
±0.3
(12.0
±0.3)
3.5
±0.05
(5.0
±0.03)
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
2.5MAX.
(6.5MAX.)
MCH43
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
3.6
4.9
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH55
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
5.4
6.1
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH15
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
0.65
±0.05
1.15
±0.05
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.7
±0.05
0.8
MAX
MCH15:100pF
0.001
0.01
0.1
1
10
100
1000
10000
100
10
1
1000
MCH15:10pF
MCH15:1pF
10000
MCH18:100pF
MCH18:1pF
MCH18:10pF
MCH03:10pF
0.1
0.001
0.01
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:1,000pF
MCH03:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
0.001
0.01
0.1
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:100,000pF
MCH15:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
6
8
4
2
0
-2
-4
-6
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency(Hz)
Frequency (MHz)
30
20
10
0
-10
-20
-30
5
10
-80
-40
0
40
80
120
160
Temperature (
℃)
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
10
20
30
40
50
60
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency (MHz)
Frequency (MHz)
Frequency(Hz)
Frequency(Hz)
MCH21 10,000pF
MCH21 1μF
MCH32 100,000pF
MCH32 22μF
MCH31 10,000pF
MCH31 10μF
MCH31 10μF
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
1
10
10
100
1000
10000
10
100
1000
10000
100
1000
MCH21 1μF
MCH32 47μF
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
()内は製品厚みの2.5mmに適用
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
Carrier tape dimensions (Unit:mm)


Similar Part No. - MCH183AN103CC

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH183A104CC ROHM-MCH183A104CC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104CK ROHM-MCH183A104CK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104CL ROHM-MCH183A104CL Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104DC ROHM-MCH183A104DC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104DK ROHM-MCH183A104DK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH183AN103CC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
logo
Kingbright Corporation
APT1608XXX KINGBRIGHT-APT1608XXX Datasheet
214Kb / 1P
   SUPER THIN SMD CHIP LED 1608(0603)
logo
Rohm
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
   1608 (0603) size, compact and high intensity reflector type
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060ABT WALSIN-RFLPF1608060ABT Datasheet
400Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060FM1T73 WALSIN-RFLPF1608060FM1T73 Datasheet
287Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060Y5T WALSIN-RFLPF1608060Y5T Datasheet
287Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 1608 (0603) size
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com