Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16ZLH220MEFC6.3X11 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 16ZLH220MEFC6.3X11
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16ZLH220MEFC6.3X11 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  16ZLH220MEFC6.3X11 Datasheet HTML 1Page - RUBYCON CORPORATION 16ZLH220MEFC6.3X11 Datasheet HTML 2Page - RUBYCON CORPORATION 16ZLH220MEFC6.3X11 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
220
470
820
1200
1200
1500
1800
2200
2700
3900
4700
5600
6800
6800
8200
150
330
680
1000
1000
1500
1500
1800
2200
3300
3900
4700
4700
5600
6800
100
220
470
680
680
1000
1000
1500
1800
2200
2700
3300
3300
3900
4700
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
0.22
0.094
0.056
0.045
0.039
0.029
0.028
0.020
0.018
0.017
0.015
0.013
0.015
0.012
0.013
0.22
0.094
0.056
0.045
0.039
0.029
0.028
0.020
0.018
0.017
0.015
0.013
0.015
0.012
0.013
0.22
0.094
0.056
0.045
0.039
0.029
0.028
0.020
0.018
0.017
0.015
0.013
0.015
0.012
0.013
0.80
0.35
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.038
0.031
0.035
0.80
0.35
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.038
0.031
0.035
0.80
0.35
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.038
0.031
0.035
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
68
150
330
390
470
560
680
820
1000
1500
1800
2200
2200
2700
3300
47
100
220
270
330
390
470
560
680
1000
1200
1500
1500
1800
2200
27
56
100
120
150
180
220
270
330
470
560
680
820
820
1000
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
16×20
16×25
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
238
385
724
950
979
1190
1370
1580
1870
2050
2410
2860
2960
2730
3010
0.22
0.094
0.056
0.045
0.039
0.029
0.028
0.020
0.018
0.017
0.015
0.013
0.015
0.012
0.013
0.22
0.094
0.056
0.045
0.039
0.029
0.028
0.020
0.018
0.017
0.015
0.013
0.015
0.012
0.013
0.34
0.14
0.074
0.061
0.061
0.046
0.042
0.030
0.028
0.027
0.023
0.021
0.019
0.023
0.021
0.80
0.35
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.038
0.031
0.035
0.80
0.35
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.038
0.031
0.035
1.18
0.50
0.22
0.18
0.18
0.14
0.12
0.090
0.085
0.068
0.059
0.052
0.051
0.059
0.056
25
35
50


Similar Part No. - 16ZLH220MEFC6.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16ZLH220M63X11 RUBYCON-16ZLH220M63X11 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16ZLH220MEFC6.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com