Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD4P02FT1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTHD4P02FT1
Description  Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4P02FT1 Datasheet(HTML) 7 Page - ON Semiconductor

  NTHD4P02FT1 Datasheet HTML 1Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 2Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 3Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 4Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 5Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 6Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 7Page - ON Semiconductor NTHD4P02FT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTHD4P02F
http://onsemi.com
7
PACKAGE DIMENSIONS
ChipFET
CASE 1206A−03
ISSUE E
B
S
C
D
G
L
A
1234
8765
M
J
K
1
2
3
4
8
7
6
5
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.95
3.10
0.116
0.122
B
1.55
1.70
0.061
0.067
C
1.00
1.10
0.039
0.043
D
0.25
0.35
0.010
0.014
G
0.65 BSC
0.025 BSC
J
0.10
0.20
0.004
0.008
K
0.28
0.42
0.011
0.017
L
0.55 BSC
0.022 BSC
M
°
5 NOM
S
1.80
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MOLD GATE BURRS SHALL NOT EXCEED 0.13 MM
PER SIDE.
4. LEADFRAME TO MOLDED BODY OFFSET IN
HORIZONTAL AND VERTICAL SHALL NOT EXCEED
0.08 MM.
5. DIMENSIONS A AND B EXCLUSIVE OF MOLD GATE
BURRS.
6. NO MOLD FLASH ALLOWED ON THE TOP AND
BOTTOM LEAD SURFACE.
7. 1206A−01 AND 1206A−02 OBSOLETE. NEW
STANDARD IS 1206A−03.
0.05 (0.002)
°
5 NOM
2.00
0.072
0.080
STYLE 3:
PIN 1. A
2. A
3. S
4. G
5. D
6. D
7. C
8. C


Similar Part No. - NTHD4P02FT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4P02FT1 ONSEMI-NTHD4P02FT1 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
NTHD4P02FT1G ONSEMI-NTHD4P02FT1G Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
More results

Similar Description - NTHD4P02FT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
   Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
   Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com