Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A701 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A701
Description  A701: Test slide, various cancers plus corresponding normal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A701 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A701 Datasheet HTML 2Page - List of Unclassifed Manufacturers A701 Datasheet HTML 3Page - List of Unclassifed Manufacturers A701 Datasheet HTML 4Page - List of Unclassifed Manufacturers A701 Datasheet HTML 5Page - List of Unclassifed Manufacturers A701 Datasheet HTML 6Page - List of Unclassifed Manufacturers A701 Datasheet HTML 7Page - List of Unclassifed Manufacturers A701 Datasheet HTML 8Page - List of Unclassifed Manufacturers A701 Datasheet HTML 9Page - List of Unclassifed Manufacturers A701 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
No.
Age
Sex
Specimen
Key word
Pathological information
A701 : test slide, various cancers + corresponding normal tissues
A5
B5*
f
29
liver
hepatocellular
carcinoma
Liver, right, lobectomy:
Hepatocellular carcinoma,
with 1) size: 8x7.6x7.5cm
2) Edmondson grade II
3) macrotrabecular and pseudoglandular types
4) infiltrative type
5) capsular invasion
6) necrosis: less than 5% of total volume
7) portal vein invasion
8) intact hepatic resection margin
9) Non-neoplastic liver showing congestion
A6
B6*
f
58
kidney
renal cell
carcinoma
Kidney, left, radical nephrectomy:
1. Renal cell carcinoma, conventional(clear cell) type, with
1) Fuhrman's nuclear grade: 4
2) Foci of sarcomatoid differentiation
3) Invasion to the perinephric fat tissue but not to Gerota's fascia
4) Renal vein involvement (pT3b)
2. Lymph nodes, perihilar(0/11), paraaortic(0/2) and left common iliac(0/3): Free of tumor
metastasis in all 16 nodes.
C1
D1*
m
45
bladder
urothelial
carcinoma
Urinary bladder including prostate, seminal vesicle and ureter, radical cystectomy:
Urinary bladder: Papillary urothelial carcinoma, high grade, with squamous differentiation,
with various pathologic state including low grade papillary urothelial carcinoma, urothelial
tumor of low malignant potential, carcinoma in situ and papilloma, with extension to the
perivesical soft tissue and prostate, and with extensive lymphatic, venous and perineural
invasion, incompletely excised.
C2
D2*
f
34
ovary
serous tumor
borderline
malignancy
Ovary and fallopian tube, side unstated, salpingooophorectomy:
Ovary: Borderline serous and mucinous tumor with serous micropapillary pattern (so called
micropapillary serous adenocarcinoma by Kurman), confined within ovarian capsule.
The matched normal tissue of this case is fallopian tube, not ovary.


Similar Part No. - A701

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
A701 ADDTEK-A701 Datasheet
118Kb / 1P
   6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
JUNE 2008
More results

Similar Description - A701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1096U ETC2-1096U Datasheet
45Kb / 1P
   Normal Phase Test Mix-A6
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
AEGIS SEMICONDUTORES LT...
A1A:80.02 AEGIS-A1A:80.02 Datasheet
276Kb / 3P
   Normal Recovery Diodes
A1A:450.02 AEGIS-A1A:450.02 Datasheet
429Kb / 4P
   Normal Recovery Diodes
A1A:180.02 AEGIS-A1A:180.02 Datasheet
278Kb / 4P
   Normal Recovery Diodes
A1A:22.02 AEGIS-A1A:22.02 Datasheet
313Kb / 4P
   Normal Recovery Diodes
A5A:1650.02 AEGIS-A5A:1650.02 Datasheet
604Kb / 4P
   Normal Recovery Diodes
A5A:1250.02 AEGIS-A5A:1250.02 Datasheet
568Kb / 4P
   Normal Recovery Diodes
A5A:820.24 AEGIS-A5A:820.24 Datasheet
516Kb / 4P
   Normal Recovery Diodes
logo
Sumida Corporation
BM27 SUMIDA-BM27 Datasheet
142Kb / 1P
   NORMAL MODE CHOKES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com