Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L008TV-90 Datasheet(PDF) 10 Page - AMIC Technology

Part # A29L008TV-90
Description  1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L008TV-90 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A29L008TV-90 Datasheet HTML 6Page - AMIC Technology A29L008TV-90 Datasheet HTML 7Page - AMIC Technology A29L008TV-90 Datasheet HTML 8Page - AMIC Technology A29L008TV-90 Datasheet HTML 9Page - AMIC Technology A29L008TV-90 Datasheet HTML 10Page - AMIC Technology A29L008TV-90 Datasheet HTML 11Page - AMIC Technology A29L008TV-90 Datasheet HTML 12Page - AMIC Technology A29L008TV-90 Datasheet HTML 13Page - AMIC Technology A29L008TV-90 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
A29L008 Series
PRELIMINARY
(November, 2002, Version 0.0)
10
AMIC Technology, Corp.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and
erase operations in previously protected sectors.
It is possible to determine whether a sector is protected or
unprotected. See “Autoselect Mode” for details.
Sector protection / unprotection can be implemented via two
methods.
The
primary
method
requires
VID
on
the
RESETpin only, and can be implemented either in-system or
via programming equipment. Figure 2 shows the algorithm
and the Sector Protect / Unprotect Timing Diagram illustrates
the timing waveforms for this feature. This method uses
standard microprocessor bus cycle timing. For sector
unprotect, all unprotected sectors must first be protected
prior to the first sector unprotect write cycle. The alternate
method
must
be
implemented
using
programming
equipment. The procedure requires a high voltage (VID) on
address pin A9 and the control pins.
The device is shipped with all sectors unprotected.
It is possible to determine whether a sector is protected or
unprotected. See "Autoselect Mode" for details.
Hardware Data Protection
The requirement of command unlocking sequence for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table).
In addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
VCC power-up transitions, or from system noise. The device is
powered up to read array data to avoid accidentally writing
data to the array.
Write Pulse "Glitch" Protection
Noise pulses of less than 5ns (typical) on OE , CE or WE
do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE =VIL,
CE = VIH or WE = VIH. To initiate a write cycle, CE and
WE must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
If
WE = CE = VIL and OE = VIH during power up, the
device does not accept commands on the rising edge of
WE . The internal state machine is automatically reset to
reading array data on the initial power-up.
Temporary Sector Unprotect
This feature allows temporary unprotection of previous
protected sectors to change data in-system. The Sector
Unprotect mode is activated by setting the RESET pin to VID.
During this mode, formerly protected sectors can be
programmed or erased by selecting the sector addresses.
Once VID is removed from the RESET pin, all the previously
protected sectors are protected again. Figure 1 shows the
algorithm, and the Temporary Sector Unprotect diagram
shows the timing waveforms, for this feature.
START
RESET = VID
(Note 1)
Perform Erase or
Program Operations
RESET = VIH
Temporary Sector
Unprotect
Completed (Note 2)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Figure 1. Temporary Sector Unprotect Operation


Similar Part No. - A29L008TV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-70 AMICC-A29L008ATV-70 Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-70F AMICC-A29L008ATV-70F Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-90 AMICC-A29L008ATV-90 Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-90F AMICC-A29L008ATV-90F Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L008TV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com