Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84068 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 84068
Description  Tape and Reel Standards
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

84068 Datasheet(HTML) 1 Page - Vishay Siliconix

  84068 Datasheet HTML 1Page - Vishay Siliconix 84068 Datasheet HTML 2Page - Vishay Siliconix 84068 Datasheet HTML 3Page - Vishay Siliconix 84068 Datasheet HTML 4Page - Vishay Siliconix 84068 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
Document Number 84068
Rev. 7, 07-Jan-03
Vishay Semiconductors
www.vishay.com
1
Tape and Reel Standards
Taping Specifications SOD57 and SOD64 Package
Package
Available Packaging
10´´ tape & reel
13´´ tape & reel
Ammo Pack #1
Ammo Pack #2
Quantity / Reel
Quantity / Reel
Quantity / Box
Quantity / Box
SOD57
5.000
5.000
SOD64
2.500
2.500
DO204AP(G1)
4.500
3.000
G3
1.600
1.000
G4
2.000
2.000
Description
Symbol
Specification (mm)
Component Pitch
A
5.0
± 0.5
Inside Tape Spacing
B
52 + 2 mm - 1 mm
Lead to Lead Eccentricity
ID1-D2I
1.4 max
Lead Extension
K
0
Lead Bending
M
1.2 max
Cumulative Pitch
P
2.0 per 10 pitch
Exposed Adhesive
S
0.8 max
Tape Width
T
6.0
± 0.4
Tape Leader
Beginning and end of reel or ammo pack.
300.0 min
Empty Spaces
Consecutive missing components not allowed
< 0.1 %
Polarity Marking
All polarized components shall be oriented in the same direction.
The cathode tape shall be colored, and anode tape shall be white or light beige.
D1
D2
A
P
E
K
S
T
B
W
|D1 –D2| = 1.4 (0.055) max.
0.8 (0.031) max.
0.8
(0.031)
max.
Dimensions A, M, K, P, S and T apply to both sides
6.0 ± 0.4
(0.236 ± 0.0157)
15802
Figure 1.


Similar Part No. - 84068

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
84068012A INTERSIL-84068012A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
84068012A INTERSIL-84068012A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
Renesas Technology Corp
84068012A RENESAS-84068012A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Intersil Corporation
8406801VA INTERSIL-8406801VA Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
8406801VA INTERSIL-8406801VA Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - 84068

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT78-TR VISHAY-BYT78-TR Datasheet
76Kb / 3P
   Tape and Reel Standards
Rev. 1.9, 05-Nov-08
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Texas Instruments
TPS51610IRHBR TI1-TPS51610IRHBR Datasheet
905Kb / 13P
[Old version datasheet]   TAPE AND REEL INFORMATION
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Frontier Electronics.
100505 FRONTIER-100505 Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com