Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2039S2D1 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2039S2D1
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2039S2D1 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2039S2D1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2039S2D1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.nkkswitches.com
Series M
Miniature Toggles
A53
A
Distinctive Characteristics
Antirotation design, standard on noncylindrical levers, mates toggle
and bushing; bottom of toggle has two flatted sides which fit into
a complementary opening inside bushing.
Antijamming design protects contacts from damage due
to excessive downward force on actuator.
High torque bushing construction prevents rotation
or separation from frame during installation.
High insulating barriers increase isolation of
circuits in multipole devices and provide
added protection to contact points.
Molded diallyl phthalate case has a UL
flammability rating of 94V-0.
Epoxy sealed terminals prevent entry
of solder flux and other contaminants.
Prominent external insulating barriers
increase insulation resistance and
dielectric strength.
Interlocked actuator block, lever, and interior guide
prevent switch failure due to biased lever movement.
Clinching of frame to case well above base and terminals
provides 1,500V dielectric strength.
Actual Size
Bushing Mount
Page A52
Angle PC Mount
Page A70
Bracket PC Mount Page A64


Similar Part No. - M2039S2D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2039S2A2W40-BA ETC2-M2039S2A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2039S2S1W40-BA ETC2-M2039S2S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2039S2D1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com