Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2049SD1 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2049SD1
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2049SD1 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2049SD1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2049SD1 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A60
A
www.nkkswitches.com
LOCKING LEVER & BUSHINGS
6mm/.291” (7.4mm)
Threaded with Keyway
1/4-40 .291” (7.4mm)
Threaded with Keyway
LL1
LL4
Maximum Panel Thickness with Standard Hardware: .047” (1.2mm)
Standard Hardware for L1 & L4: 2 hex nuts AT513H or AT513M,
1 locking ring AT507H or AT507M, and 1 lockwasher AT509
Lever Material & Finish: Brass with Chrome Plating
Locking
Mechanism
Supplied with Cap AT427
Cap Material:
Brass with Nickel Plating
Lever
Color Codes for Optional Anodized Aluminum Caps
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
(15.0)
.591
(9.7)
.382
(0.9)
.035
1/4-40 Thd
(4.6) Dia
.181
(7.4)
.291
(8.0)
.315
(16.5)
.650
25°
(5.1) Dia
.201
on-none-on
2 positions lock
on-none-(on)
on-off-(on)
on-on-(on)
on-off-on
on-on-on
(on)-off-(on)
(on)-on-(on)
1 position locks
2 positions lock
3 positions lock
1 position locks
Black
A
Red
C
Blue
G
6mm/.295” (7.5mm)
Threaded Splashproof with D Flat
LL8
1/4-40 .295” (7.5mm)
Threaded Splashproof with D Flat
LL3
Maximum Panel Thickness with Standard Hardware: .047” (1.2mm)
Standard Hardware for L3 and L8: 1 hex nut AT513H or AT513M and 1 o-ring AT516
(9.8)
.386
(15.0)
.591
(1.5)
.059
1/4-40 Thd
(4.6) Dia
.181
(7.5)
.295
(8.0)
.315
(16.5)
.650
25°
(5.1) Dia
.201
(2.5)
.098
(10.0) Dia
.394
Smooth with Keyway
LL2
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
(16.5)
.650
(15.0)
.591
(9.3)
.366
(0.9)
.035
(4.6) Dia
.181
(7.0)
.275
(8.0)
.315
25°
(5.1) Dia
.201
(6.2) Dia
.244
(15.0)
.591
(9.7)
.382
(0.9)
.035
M6 P0.75
(4.6) Dia
.181
(7.4)
.291
(8.0)
.315
(16.5)
.650
25°
(5.1) Dia
.201
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
(9.8)
.386
(15.0)
.591
(1.5)
.059
M6 P0.75
(4.6) Dia
.181
(7.5)
.295
(8.0)
.315
(16.5)
.650
25°
(5.1) Dia
.201
(2.5)
.098
(10.0) Dia
.394
No Code


Similar Part No. - M2049SD1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2049S2A2W40-BA ETC2-M2049S2A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2049S2S1W40-BA ETC2-M2049S2S1W40-BA Datasheet
343Kb / 10P
   General Specifications
M2049S3A2W40-BA ETC2-M2049S3A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2049S3S1W40-BA ETC2-M2049S3S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2049SD1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com