Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPE590S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSPE590S
Description  NICHIA BLUISH GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPE590S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSPE590S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 13Page - List of Unclassifed Manufacturers NSPE590S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
! Directivity (NSPE590S)
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1
0.5
0
! Spectrum
! Forward Current vs.
Chromaticity Coordinate D)
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
x
x
Wavelength
λ (nm)
30°
0.5
90°
60°
1
15
10
20
100
50
0
0.05 0.10 0.15 0.20 0.25
0.70
0.65
0.60
0.55
0.50
0.45
020
60 80 100
40
-40 -20
350 400 450 500
600 650
550
1.2
1
0.8
0.4
0.2
0
0.6
517
513
505
497
509
501
Direct Current
Pulsating Current
Ta=25°C
1mA(510nm)
5mA(507nm)
10mA(505nm)
30mA(501nm)
IFP=10mA
Ta=25°C
Ta=25°C
IF=10mA
Ta=25°C
IF=10mA
! Applied Voltage Waveform
Pulsating Current
(full-wave rectification)
Direct Current
t
t
v
v
511
507
505
499
509
503
501
! Ambient Temperature vs.
Dominant Wavelength
! Forward Current vs.
Dominant Wavelength !
TYP.CHARACTERISTICS
Model
NSPE590S
NICHIA CORPORATION Title
No.
011130110031


Similar Part No. - NSPE590S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPE590S NICHIA-NSPE590S Datasheet
305Kb / 15P
   BLUISH-GREEN LED
More results

Similar Description - NSPE590S

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NSPE510DS AAEON-NSPE510DS Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
NSPE510DS AAEON-NSPE510DS_15 Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
NICHIA CORPORATION
NSPE310S NICHIA-NSPE310S Datasheet
517Kb / 13P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
List of Unclassifed Man...
NSPE510 ETC-NSPE510 Datasheet
394Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH GREEN LED
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NCSE219BT-V1 NICHIA-NCSE219BT-V1 Datasheet
282Kb / 19P
   BLUISH-GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com