Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR12N60 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BR12N60
Description  N-CHANNEL MOSFET in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BR12N60 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BR12N60 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BR12N60 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BR12N60 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BR12N60 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BR12N60 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BR12N60 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BR12N60
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
600
V
Drain Current
ID(Tc=25℃)
12
A
ID(Tc=100℃)
7.4
A
Drain Current - Pulsed
IDM
48
A
Gate-Source Voltage
VGSS
±30
V
Single Pulsed Avalanche Energy
EAS
870
mJ
Repetitive Avalanche Energy
EAR
22.5
mJ
Avalanche Current
IAR
12
A
Power Dissipation
PD(Tc=25℃)
225
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain-Source Breakdown Voltage
BVDSS VGS=0V
ID=250μA
600
V
Zero Gate Voltage Drain Current
IDSS
VDS=600V
VGS=0V
1
μA
VDS=480V
TC=125℃
10
μA
Gate-Body Leakage Current,
Forward
IGSS
VGS=±30V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
2
4
V
Static Drain-Source
On-Resistance
RDS(on) VGS=10V
ID=6.0A
0.53
0.65
Forward Transconductance
gFS
VDS=40V
ID=6.0A
13
S
Drain-Source Diode Forward
Voltage
VSD
VGS=0V
IS=12A
1.4
V
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1.0MHz
1760
2290
pF
Output Capacitance
Coss
182
235
pF
Reverse Transfer Capacitance
Crss
21
28
pF
Turn-On Delay Time
td(on)
VDD=300V
ID=12A
RG=25Ω
30
70
ns
Turn-On Rise Time
tr
85
180
ns
Turn-Off Delay Time
td(off)
140
280
ns
Turn-Off Fall Time
tf
90
190
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BR12N60

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
   12kV 350mA HIGH VOLTAGE DIODES
BR12 GETEDZ-BR12 Datasheet
507Kb / 2P
   High Voltage Medium and High Current Diodes
logo
Kingbright Corporation
BR12.7 KINGBRIGHT-BR12.7 Datasheet
26Kb / 1P
   SPACER FOR LED LAMP
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
   Over Current Protection (Hiccup Mode)
BR120-12S ARCH-BR120-12S Datasheet
269Kb / 3P
   Input under Voltage Protection
More results

Similar Description - BR12N60

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR100N03 FOSHAN-BR100N03 Datasheet
884Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4145 FOSHAN-BR4145 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4N60 FOSHAN-BR4N60 Datasheet
971Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR7N80 FOSHAN-BR7N80 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR50N06 FOSHAN-BR50N06 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N08A FOSHAN-BR80N08A Datasheet
930Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR40N20 FOSHAN-BR40N20 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR2N60 FOSHAN-BR2N60 Datasheet
865Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N10 FOSHAN-BR80N10 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR8N60 FOSHAN-BR8N60 Datasheet
954Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com