Electronic Components Datasheet Search |
|
M2015EA1 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2015EA1 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
9 / 28 page Series M Bushing Mount Miniature Toggles A60 A www.nkkswitches.com LOCKING LEVER & BUSHINGS 6mm/.291” (7.4mm) Threaded with Keyway 1/4-40 .291” (7.4mm) Threaded with Keyway LL1 LL4 Maximum Panel Thickness with Standard Hardware: .047” (1.2mm) Standard Hardware for L1 & L4: 2 hex nuts AT513H or AT513M, 1 locking ring AT507H or AT507M, and 1 lockwasher AT509 Lever Material & Finish: Brass with Chrome Plating Locking Mechanism Supplied with Cap AT427 Cap Material: Brass with Nickel Plating Lever Color Codes for Optional Anodized Aluminum Caps (0.8) .031 (2.5) .098 (8.0) Dia .315 (15.0) .591 (9.7) .382 (0.9) .035 1/4-40 Thd (4.6) Dia .181 (7.4) .291 (8.0) .315 (16.5) .650 25° (5.1) Dia .201 on-none-on 2 positions lock on-none-(on) on-off-(on) on-on-(on) on-off-on on-on-on (on)-off-(on) (on)-on-(on) 1 position locks 2 positions lock 3 positions lock 1 position locks Black A Red C Blue G 6mm/.295” (7.5mm) Threaded Splashproof with D Flat LL8 1/4-40 .295” (7.5mm) Threaded Splashproof with D Flat LL3 Maximum Panel Thickness with Standard Hardware: .047” (1.2mm) Standard Hardware for L3 and L8: 1 hex nut AT513H or AT513M and 1 o-ring AT516 (9.8) .386 (15.0) .591 (1.5) .059 1/4-40 Thd (4.6) Dia .181 (7.5) .295 (8.0) .315 (16.5) .650 25° (5.1) Dia .201 (2.5) .098 (10.0) Dia .394 Smooth with Keyway LL2 (0.8) .031 (2.5) .098 (8.0) Dia .315 (16.5) .650 (15.0) .591 (9.3) .366 (0.9) .035 (4.6) Dia .181 (7.0) .275 (8.0) .315 25° (5.1) Dia .201 (6.2) Dia .244 (15.0) .591 (9.7) .382 (0.9) .035 M6 P0.75 (4.6) Dia .181 (7.4) .291 (8.0) .315 (16.5) .650 25° (5.1) Dia .201 (0.8) .031 (2.5) .098 (8.0) Dia .315 (9.8) .386 (15.0) .591 (1.5) .059 M6 P0.75 (4.6) Dia .181 (7.5) .295 (8.0) .315 (16.5) .650 25° (5.1) Dia .201 (2.5) .098 (10.0) Dia .394 No Code |
Similar Part No. - M2015EA1 |
|
Similar Description - M2015EA1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |