Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAN4311772052452K Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CAN4311772052452K
Description  HIGH FREQUENCY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CAN4311772052452K Datasheet(HTML) 4 Page - YAGEO Corporation

  CAN4311772052452K Datasheet HTML 1Page - YAGEO Corporation CAN4311772052452K Datasheet HTML 2Page - YAGEO Corporation CAN4311772052452K Datasheet HTML 3Page - YAGEO Corporation CAN4311772052452K Datasheet HTML 4Page - YAGEO Corporation CAN4311772052452K Datasheet HTML 5Page - YAGEO Corporation CAN4311772052452K Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.yageo.com
Dec. 3, 2012 V0
High Frequency
4
4
Product specification
SMD Type Antenna
7020 Series
YNH00121
Unit : mm
40
10
20
Bottom Layer / GND
Top Layer
Unit : mm
1.25
1.25
1.0
5.5
2.2
Matching Circuit
Fig. 3 Outlook and dimension of evaluation board
FOOTPRINT DIMENSIONS
Fig. 4 Dimension of footprint


Similar Part No. - CAN4311772052452K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CAN4313129200431B YAGEO-CAN4313129200431B Datasheet
122Kb / 10P
   433MHz Ceramic Chip Antenna
More results

Similar Description - CAN4311772052452K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
   HIGH FREQUENCY
logo
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com