Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3520 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2SK3520
Description  2SK3520
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3520 Datasheet(HTML) 4 Page - Fuji Electric

  2SK3520 Datasheet HTML 1Page - Fuji Electric 2SK3520 Datasheet HTML 2Page - Fuji Electric 2SK3520 Datasheet HTML 3Page - Fuji Electric 2SK3520 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
Transient Thermal Impedance
Zth(ch-c)=f(t):D=t/T
0
0.01
0.02
0.05
0.1
0.2
D=0.5
t [sec]
2SK3520-01MR
FUJI POWER MOSFET
IAV=f(tAV):starting Tch=25°C. Vcc=50V
t
T
D=
t
T
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-2
10
-1
10
0
10
1
10
2
Single Pulse
Maximum Avalanche Current Pulsewidth
t
AV [sec]


Similar Part No. - 2SK3520

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3520-01MR FUJI-2SK3520-01MR Datasheet
104Kb / 2P
   N CHANNEL SILICON POWER MOSFET
2SK3520-01MR FUJI-2SK3520-01MR Datasheet
110Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3520-01MR ISC-2SK3520-01MR Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3520-01MR FUJI-2SK3520-01MR_03 Datasheet
110Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com