Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3699MN1R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS3699MN1R2G
Description  Dual DPDT Ultra-Low RON Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3699MN1R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS3699MN1R2G Datasheet HTML 2Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 3Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 4Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 5Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 6Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 7Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 8Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 9Page - ON Semiconductor NLAS3699MN1R2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NLAS3699
http://onsemi.com
7
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 5. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
VOUT
VIN
VOUT
VIN
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 6. Charge Injection: (Q)
VIN
Open
Output
Figure 7. Total Harmonic Distortion Plus Noise
Versus Frequency
0.01
0.1
1
0.001
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 8. Charge Injection versus Vis
−20
−15
−10
−5
0
5
0
0.5
1
1.5
VIN (V)
−25
−30
2
2.5
3
3.5
4
4.5
5
1.65 V
2.5 V
3.0 V
4.7 V
4.3 V


Similar Part No. - NLAS3699MN1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3699MN1R2G ONSEMI-NLAS3699MN1R2G Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
More results

Similar Description - NLAS3699MN1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com