Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9624HGQWA Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9624HGQWA
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624HGQWA Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9624HGQWA Datasheet HTML 1Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 2Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 3Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 4Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 5Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 6Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 7Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 8Page - Richtek Technology Corporation RT9624HGQWA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9624H
2
DS9624H-02
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Supply for High-Side Gate Driver.
2
PWM
PWM Signal Input. Connect this pin to the PWM output of the controller.
3
NC
No Internal Connection.
4
VCC
Supply Voltage Input.
5
LGATE
Low-Side Gate Driver Output. Connect this pin to the Gate of low-side power
N-MOSFET.
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
7
PHASE
Connect this pin to the Source of the high-side N-MOSFET and the Drain of the
low-side N-MOSFET.
8
UGATE
High-Side Gate Driver Output. Connect this pin to the Gate of high-side power
N-MOSFET.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
(TOP VIEW)
WDFN-8SL 2x2
Pin Configurations
BOOT
VCC
PWM
UGATE
PHASE
GND
LGATE
NC
7
6
5
1
2
3
4
8
9
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9624H
Package Type
QWA : WDFN-8SL 2x2 (W-Type)
(Exposed Pad-Option 1)


Similar Part No. - RT9624HGQWA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624BZQW RICHTEK-RT9624BZQW Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624BZS RICHTEK-RT9624BZS Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9624HGQWA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D_15 Datasheet
153Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
   Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
RT9624G RICHTEK-RT9624G Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com