Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5072-EVAL Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5072-EVAL
Description  POWER DRIVER FOR STEPPER MOTORS
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5072-EVAL Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5072-EVAL Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-EVAL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
TMC5072 DATASHEET (Rev. 1.22 / 2017-MAY-16)
5
www.trinamic.com
1 Principles of Operation
Diff. Tranceiver
Half Bridge 2
Half Bridge 1
Half Bridge 1
Half Bridge 2
+VM
VS
2 x current
comparator
2 phase
stepper
motor
N
S
Stepper driver
Protection
& diagnostics
programmable
sine table
4*256 entry
2 x DAC
stallGuard2™
coolStep™
x
step multiplier
O1A1
O1A2
BR1A / B
RSENSE
RSENSE
O1B1
O1B2
spreadCycle &
stealthChop
Chopper
VCC_IO
TMC5072
Dual stepper motor
driver / controller
SPI interface
CSN/IO0
SCK/IO1
SDO/RING
SDI/IO2
2x linear 6 point
RAMP generator
reference switch
processing
Step &
Direction pulse
generation
Stepper
#1
Motio
n con
trol
coolS
tep m
otor
drive
r
Half Bridge 2
Half Bridge 1
Half Bridge 1
Half Bridge 2
+VM
VS
2 x current
comparator
2 phase
stepper
motor
N
S
programmable
sine table
4*256 entry
2 x DAC
stallGuard2™
coolStep™
x
step multiplier
O2A1
O2A2
BR2A / B
RSENSE
RSENSE
O2B1
O2B2
spreadCycle &
stealthChop
Chopper
reference switch
processing
Step &
Direction pulse
generation
Stepper
#2
coolS
tep m
otor
drive
r
2x linear 6 point
RAMP generator
Motio
n con
trol
Control register
set
Single wire
interface
CLK oscillator/
selector
5V Voltage
regulator
temperature
measurement
charge pump
CPO
CPI
VCP
22n
100n
SWION
SW_SEL
CLK_IN
Interf
ace
SWIOP
+VM
5VOUT
VSA
4.7µ
+VIO
Dual
Encoder
unit
ENC1A
ENC1B
IO0/SWIOP/REFL1
1A
1B
1N
2A
2B
2N
REFR1
REFR2
IO1/SWION/REFL2
ENC1A/INT
ENC1B/PP
INT & position
pulse output
NEXTADDR
SINGLEDRV
SINGLEDRV
DRV2:=DRV1
GNDP
GNDP
F
F
F
F
F
F
F
F
F
F = 60ns spike filter
dcStep™
dcStep™
VCC
RSENSE=0R25 allows for
maximum coil current
SPI™
single wire
UART
opt. ext. clock
12-16MHz
3.3V or 5V
I/O voltage
100n
100n
100n
100n
interface
selection
encoder or
interrupt out
ref. / stop switches or
step & dir (motor 2)
ref. / stop switches or
step & dir (motor 1)
opt. driver enable
Figure 1.1 Basic application and block diagram
The TMC5072 motion controller and driver chip is an intelligent power component interfacing between
the CPU and one or two stepper motors. All stepper motor logic is completely within the TMC5072. No
software is required to control the motor – just provide target positions. The TMC5072 offers a
number of unique enhancements which are enabled by the system-on-chip integration of driver and
controller. The sixPoint ramp generator of the TMC5072 uses stealthChop, dcStep, coolStep, and
stallGuard2 automatically to optimize every motor movement. The clear concept and the
comprehensive solution save design time.
1.1 Key Concepts
The TMC5072 implements several advanced features which are exclusive to TRINAMIC products. These
features contribute toward greater precision, greater energy efficiency, higher reliability, smoother
motion, and cooler operation in many stepper motor applications.
stealthChop™
No-noise, high-precision chopper algorithm for inaudible motion and inaudible
standstill of the motor.
dcStep™
Load dependent speed control. The motor moves as fast as possible and never loses
a step.
stallGuard2™
High-precision load measurement using the back EMF on the motor coils.
coolStep™
Load-adaptive current control which reduces energy consumption by as much as
75%.
spreadCycle™
High-precision chopper algorithm available as an alternative to the traditional
constant off-time algorithm.
sixPoint™
Fast and precise positioning using a hardware ramp generator with a set of four
acceleration / deceleration settings. Quickest response due to dedicated hardware.


Similar Part No. - TMC5072-EVAL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5072-EVAL TRINAMIC-TMC5072-EVAL Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC5072-EVAL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com