Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5072-LA Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5072-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5072-LA Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5072-LA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5072-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
POWER DRIVER FOR STEPPER MOTORS
INTEGRATED CIRCUITS
TRINAMIC Motion Control GmbH & Co. KG
Hamburg, Germany
MOTION CONTROLLER
with Linear 6 Point
RAMP Generator
MOTION CONTROLLER
with Linear 6 Point
RAMP Generator
DRIVER 1
DRIVER 2
TMC5072
Protection
& Diagnostics
Programmable
256 µStep
Sequencer
Programmable
256 µStep
Sequencer
Protection
& Diagnostics
Encoder
Unit
ABN Encoder
Input
2x Ref. Switches
2x Ref. Switches
SPI
UART
stallGuard2
coolStep
dcStep
Power
Supply
Charge
Pump
Step/Dir
Step/Dir
Encoder
Unit
ABN Encoder
Input
Motor 1
Motor 2
TMC5072 DATASHEET
BLOCK DIAGRAM
FEATURES AND BENEFITS
Two 2-phase stepper motors
Drive Capability up to 2x 1.1A coil current (2x 1.5A peak)
Parallel Option for one motor at 2.2A (3A peak)
Motion Controller with sixPoint™ramp
Voltage Range 4.75… 26V DC
SPI & Single Wire UART
Dual Encoder Interface and 2x Ref.-Switch input per axis
Highest Resolution up to 256 microsteps per full step
stealthChop™ for extremely quiet operation and smooth motion
spreadCycle™ highly dynamic motor control chopper
dcStep™ load dependent speed control
stallGuard2™ high precision sensorless motor load detection
coolStep™ current control for energy savings up to 75%
Passive Breaking and freewheeling mode
Full Protection & Diagnostics
Compact Size 7x7mm2 QFN48 package
APPLICATIONS
CCTV, Security
Office Automation
Antenna Positioning
Heliostat Controller
Battery powered applications
ATM, Cash recycler, POS
Lab Automation
Liquid Handling
Medical
Printer and Scanner
Pumps and Valves
DESCRIPTION
The TMC5072 is a dual high performance
stepper motor controller and driver IC
with serial communication interfaces. It
combines flexible ramp generators for
automatic
target
positioning
with
industries’ most advanced stepper motor
drivers.
Based
on
TRINAMICs
sophisticated stealthChop chopper, the
driver
ensures
absolutely
noiseless
operation
combined
with
maximum
efficiency and best motor torque. High
integration, high energy efficiency and a
small form factor enable miniaturized
and scalable systems for cost effective
solutions. The complete solution reduces
learning curve to a minimum while
giving best performance in class.
Dual controller/driver for up to two 2-phase bipolar stepper motors. No-noise stepper operation.
Integrated motion controller and encoder counter. SPI, UART (single wire) and Step/Dir.


Similar Part No. - TMC5072-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5072-LA TRINAMIC-TMC5072-LA Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC5072-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com