Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2208-EVAL Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2208-EVAL
Description  POWER DRIVER FOR STEPPER MOTORS
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2208-EVAL Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC2208-EVAL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2208-EVAL Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
TMC220X, TMC222X DATASHEET (Rev. 1.02 / 2017-MAY-16)
8
www.trinamic.com
2 Pin Assignments
The TMC22xx family comes in a number of package variants in order to fit different footprints. Please
check for availability.
2.1 Package Outline TMC2208
OB2
ENN
GND
CPO
-
STEP
VREF
GND
DIR
-
OA2
CPI
VCP
VCC_IO
22
23
24
25
26
27
28
14
13
12
11
10
9
8
TMC2208
QFN28
Pad=GND
© B. Dwersteg,
TRINAMIC
Figure 2.1 TMC2208 Pinning Top View – type: QFN28, 5x5mm², 0.5mm pitch
2.2 Signal Descriptions TMC2208
Pin
Number
Type
Function
OB2
1
Motor coil B output 2
ENN
2
DI
Enable not input. The power stage becomes switched off (all motor
outputs floating) when this pin becomes driven to a high level.
GND
3, 18
GND. Connect to GND plane near pin.
CPO
4
Charge pump capacitor output.
CPI
5
Charge pump capacitor input. Tie to CPO using 22nF 50V capacitor.
VCP
6
Charge pump voltage. Tie to VS using 100nF capacitor.
N.C.
7, 20,
25
Unused pin, leave open or connect to GND for compatibility to future
versions.
5VOUT
8
Output of internal 5V regulator. Attach 2.2µF to 4.7µF ceramic
capacitor to GND near to pin for best performance. Provide the
shortest possible loop to the GND pad.
MS1
9
DI (pd)
Microstep resolution configuration (internal pull down resistors)
MS2, MS1: 00: 1/8, 01: 1/2, 10: 1/4 11: 1/16
MS2
10
DI (pd)
DIAG
11
DO
Diagnostic output. Hi level upon driver error. Reset by ENN=high.
INDEX
12
DO
Configurable index output. Provides index pulse.
CLK
13
DI
CLK input. Tie to GND using short wire for internal clock or supply
external clock.
PDN_UART
14
DIO
Power down not control input (low = automatic standstill current
reduction).
Optional UART Input/Output. Power down function can be disabled
in UART mode.
VCC_IO
15
3.3V to 5V IO supply voltage for all digital pins.


Similar Part No. - TMC2208-EVAL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2208-LA TRINAMIC-TMC2208-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC2208-EVAL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com