Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5031-LA Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5031-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5031-LA Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5031-LA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
TMC5031 DATASHEET (Rev. 1.11 / 2016-APR-28)
4
www.trinamic.com
1 Principles of Operation
Half Bridge 2
Half Bridge 1
Half Bridge 1
Half Bridge 2
+VM
VS
2 x current
comparator
2 phase
stepper
motor
N
S
Stepper driver
Protection
& diagnostics
programmable
sine table
4*256 entry
2 x DAC
stallGuard2™
coolStep™
x
O1A1
O1A2
BR1A / B
RSENSE
RSENSE
O1B1
O1B2
chopper
VCC_IO
TMC5031
Dual stepper motor
driver / controller
SPI interface
CSN
SCK
SDO
SDI
2x linear 6 point
RAMP generator
reference switch
processing
Step &
Direction pulse
generation
Stepper
#1
Motio
n con
trol
coolS
tep m
otor
drive
r
Half Bridge 2
Half Bridge 1
Half Bridge 1
Half Bridge 2
+VM
VS
2 x current
comparator
2 phase
stepper
motor
N
S
programmable
sine table
4*256 entry
2 x DAC
stallGuard2™
coolStep™
x
O2A1
O2A2
BR2A / B
RSENSE
RSENSE
O2B1
O2B2
chopper
reference switch
processing
Step &
Direction pulse
generation
Stepper
#2
coolS
tep m
otor
drive
r
2x linear 6 point
RAMP generator
Motio
n con
trol
Control register
set
CLK oscillator/
selector
5V Voltage
regulator
temperature
measurement
charge pump
CPO
CPI
VCP
22n
100n
CLK_IN
Interf
ace
+VM
5VOUT
VSA
4.7µ
+VIO
INT
PP
INT & position
pulse output
SINGLEDRV
GNDP
GNDP
F
F
F
F
F = 60ns spike filter
VCC
RSENSE=0R25 allows for
maximum coil current
SPI™
opt. ext. clock
12-16MHz
3.3V or 5V
I/O voltage
100n
100n
100n
100n
interrupt out
ref. / stop switches motor 2
ref. / stop switches motor 1
opt. driver enable
Figure 1.1 Basic application and block diagram
The TMC5031 motion controller and driver chip is an intelligent power component interfacing between
the CPU and up to two stepper motors. All stepper motor logic is completely within the TMC5031. No
software is required to control the motor – just provide target positions. The TMC5031 offers a
number of unique enhancements which are enabled by the system-on-chip integration of driver and
controller. The sixPoint ramp generator of the TMC5031 uses coolStep and stallGuard2 automatically to
optimize every motor movement: TRINAMICs special features contribute toward lower system cost,
greater precision, greater energy efficiency, smoother motion, and cooler operation in stepper motor
applications. The clear concept and the comprehensive solution save design-in time.
1.1 Key Concepts
The TMC5031 implements several advanced features which are exclusive to TRINAMIC products. These
features contribute toward greater precision, greater energy efficiency, higher reliability, smoother
motion, and cooler operation in many stepper motor applications.
stallGuard2™
High-precision load measurement using the back EMF on the motor coils.
coolStep™
Load-adaptive current control which reduces energy consumption by as much as
75%.
spreadCycle™
High-precision chopper algorithm available as an alternative to the traditional
constant off-time algorithm.
sixPoint™
Fast and precise positioning using a hardware ramp generator with a set of four
acceleration / deceleration settings. Quickest response due to dedicated hardware.
In addition to these performance enhancements, TRINAMIC motor drivers also offer safeguards to
detect and protect against shorted outputs, output open-circuit, overtemperature, and undervoltage
conditions for enhancing safety and recovery from equipment malfunctions.


Similar Part No. - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5031-LA TRINAMIC-TMC5031-LA Datasheet
1Mb / 63P
   Dual, cost-effective controller and driver for up to two 2-phase bipolar stepper motors.
More results

Similar Description - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com