Electronic Components Datasheet Search |
|
M2015E2S2 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2015E2S2 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd. |
10 / 28 page Series M Bushing Mount Miniature Toggles A61 A www.nkkswitches.com TERMINALS OPTIONAL CAPS & CAP COLORS 01 03 05 08 07 06 Solder Lug 02 .062” (1.57mm) Wide Quick Connect .425” (10.8mm) Wirewrap or Extended PC .750” (19.05mm) Wirewrap or Extended PC .964” (24.5mm) Wirewrap or Extended PC 1.062” (27.0mm) Wirewrap or Extended PC .250” (6.35mm) Straight PC If using as extended PC terminal, refer to the above footprints. Dimension A = terminal lengths as shown beside the terminal codes at the left. Single Pole Double Pole Three Pole Four Pole (6.35) .250 Epoxy Seal Thk = (0.8) .031 (1.57) .062 Epoxy Seal (2.0) .079 (2.0) .079 (4.0) .157 (1.1) .043 Thk = (0.8) .031 Thk = (0.8) .031 Epoxy Seal A (1.27) .050 (4.8) Typ .189 (4.7) Typ .185 (1.8) Dia Typ .073 1 2 3 6 5 47 8 9 (4.8) Typ .189 (4.7) Typ .185 (1.8) Dia Typ .073 1 2 3 6 5 47 8 9 12 11 10 (4.7) Typ .185 (1.8) Dia Typ .073 1 2 3 * AT415 Lever Cap for S Bat Toggle * AT444 Conical Cap for S Bat Toggle AT434 Lever Cap for B Toggle R C B AT406 Lever Cap for B2 Toggle V Black A Cap Colors Available: White B Red C Yellow E Green F Blue G Material: Polyethylene Material: Polyvinyl Chloride Material: Polyvinyl Chloride Material: Polyethylene (5.0) Dia .197 (13.5) .532 (12.0) .472 25° 25° (4.8) Dia .189 (11.5) .452 (13.1) .516 25° (6.6) Dia .260 (12.3) .484 (13.5) .531 25° (8.0) Dia .315 (18.5) .728 (18.0) .709 (4.7) Typ .185 (4.8) .189 (1.8) Dia Typ .073 1 2 3 6 5 4 Epoxy Seal (4.8) .189 (6.35) .250 (1.17) .046 Thk = (0.8) .031 CONTACT MATERIALS & RATINGS A W G Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC Gold over Brass or Copper Logic Level 6A @ 125V AC & 3A @ 250V AC Gold over Silver Power Level 6A @ 125V AC or Logic Level or 0.4VA maximum @ 28V AC/DC maximum Note: See Supplement section to find complete explanation of operating range. Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section to find complete explanation of dual rating and operating range. * AT415 and AT444 for use with S toggles only, not S2 or S3 toggles. |
Similar Part No. - M2015E2S2 |
|
Similar Description - M2015E2S2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |