Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2100-LA Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2100-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2100-LA Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC2100-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-LA Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TMC2100 DATASHEET (Rev. 1.07 / 2017-MAY-15)
7
www.trinamic.com
2.2 Signal Descriptions
Pin
QFN36
TQFP48
Type
Function
CLK
1
2
DI
CLK input. Tie to GND using short wire for internal clock or
supply external clock.
CFG3
2
3
DI
Configuration input
CFG2
3
4
DI
Configuration input
CFG1
4
5
DI
Configuration input
CFG0
5
7
DI
Configuration input
STEP
6
8
DI
STEP input
DIR
7
9
DI
DIR input
VCC_IO
8
10
3.3 V to 5 V IO supply voltage for all digital pins.
DNC
9, 17
11, 14, 16,
18, 20, 22,
23, 28, 41,
43, 45, 47
Do not connect. Leave open!
GNDD
10
12
Digital GND. Connect to GND.
N.C.
11
6, 31, 36
Unused pin, connect to GND for compatibility to future versions.
GNDP
12, 35
13, 48
Power GND. Connect to GND plane near pin.
OB1
13
15
Motor coil B output 1
BRB
14
17
Sense resistor connection for coil B. Place sense resistor to GND
near pin. Tie to GND when using internal sense resistors.
OB2
15
19
Motor coil B output 2
VS
16, 31
21, 40
Motor supply voltage. Provide filtering capacity near pin with
short loop to nearest GNDP pin (respectively via GND plane).
CFG4
18
24
DI
Configuration input
CFG5
19
25
DI
Configuration input
ERROR
20
26
DO
Diagnostic open drain output: driver error
INDEX
21
27
DO
Diagnostic open drain output: microstep table position index
CFG6_ENN
22
29
DI
Enable input (high to disable) and power down configuration
AIN_IREF
23
30
AI
Analog reference voltage for current scaling or reference current
for use of internal sense resistors (optional mode)
GNDA
24
32
Analog GND. Tie to GND plane.
5VOUT
25
33
Output of internal 5 V regulator. Attach 2.2 µF to 10µF ceramic
capacitor to GNDA near to pin for best performance.
VCC
26
34
5V supply input for digital circuitry within chip and charge
pump. Attach 470nF capacitor to GND (GND plane). May be
supplied by 5VOUT. A 2.2 or 3.3 Ohm resistor is recommended
for decoupling noise from 5VOUT. When using an external
supply, make sure, that VCC comes up before or in parallel to
5VOUT or VCC_IO, whichever comes up later!
CPO
27
35
Charge pump capacitor output.
CPI
28
37
Charge pump capacitor input. Tie to CPO using 22 nF 50 V
capacitor.
VCP
29
38
Charge pump voltage. Tie to VS using 100 nF 16 V capacitor.
VSA
30
39
Analog supply voltage for 5V regulator. Normally tied to VS.
Provide a 100 nF filtering capacitor.
OA2
32
42
Motor coil A output 2
BRA
33
44
Sense resistor connection for coil A. Place sense resistor to GND
near pin. Tie to GND when using internal sense resistors.
OA1
34
46
Motor coil A output 1
TST_MODE
36
1
DI
Test mode input. Tie to GND using short wire.
Exposed
die pad
-
-
Connect the exposed die pad to a GND plane. Provide as many
as possible vias for heat transfer to GND plane. Serves as GND
pin for digital circuitry.


Similar Part No. - TMC2100-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 46P
   Standalone intelligent Step/Direction driver
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 48P
   Standalone intelligent Step/Direction driver for two-phase bipolar stepper motor.
More results

Similar Description - TMC2100-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com