Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2041-EVAL Datasheet(PDF) 2 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2041-EVAL
Description  POWER DRIVER FOR STEPPER MOTOR
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2041-EVAL Datasheet(HTML) 2 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC2041-EVAL Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2041-EVAL Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
TMC2041 DATASHEET (Rev. 1.02 / 2017-MAY-16)
2
www.trinamic.com
Layout for Evaluation
M
M
STEP/DIR FOR UP TO TWO STEPPER MOTORS
CPU
TMC2041
High-Level
Interface
SPI or UART
Step/Dir
Step/Dir
M
STEP/DIR FOR UP TO TWO STEPPER MOTORS
CPU
TMC2041
High-Level
Interface
SPI or UART
Step/Dir
APPLICATION EXAMPLES: HIGH FLEXIBILITY – MULTIPURPOSE USE
The TMC2041 scores with power density and sensorless homing. It features serial interfaces for advanced
monitoring and configuration options. The small form factor keeps costs down and allows for miniaturized
layouts. Extensive support at the chip, board, and software levels enables rapid design cycles and fast time-
to-market with competitive products. High energy efficiency and reliability deliver cost savings in related
systems such as power supplies and cooling.
ORDER CODES
Order code
Description
Size [mm2]
TMC2041-LA
Dual axis step/dir driver, QFN-48
7 x 7
TMC2041-EVAL
Evaluation board for TMC2041
85 x 55
STARTRAMPE
Baseboard for TMC2041-EVAL and further evaluation boards
85 x 55
ESELSBRÜCKE
Connector board for plug-in evaluation board system
61 x 38
TMC2041-EVAL EVALUATION BOARD
EVALUATION & DEVELOPMENT PLATFORM
The TMC2041-EVAL
is part of TRINAMICs universal
evaluation
board
system
which
provides
a
convenient handling of the hardware as well as a
user-friendly software tool for evaluation. The
TMC2041 evaluation board system consists of three
parts: STARTRAMPE (base board), ESELSBRÜCKE
(connector board including several test points), and
TMC2041-EVAL.
The stepper motor driver
outputs
are
switched
in
parallel. This way, up to
2.2A RMS motors can be
driven.
In this application, a single
CPU controls two motors
using a Step and Direction
interface
per
motor.
It
initially
configures
the
drivers
by
programming
current
settings
and
chopper, and run and hold
current using either the 4
wire SPI interface, or the
single wire UART interface.
During
operation
the
interface allows access to
status
information
like
stallGuard sensorless load
measurement.


Similar Part No. - TMC2041-EVAL

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC2041-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com