Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE722S01-T1B1 Datasheet(PDF) 2 Page - NEC

Part # NE722S01-T1B1
Description  NECs C TO X BAND N-CHANNEL GaAs MES FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE722S01-T1B1 Datasheet(HTML) 2 Page - NEC

  NE722S01-T1B1 Datasheet HTML 1Page - NEC NE722S01-T1B1 Datasheet HTML 2Page - NEC NE722S01-T1B1 Datasheet HTML 3Page - NEC NE722S01-T1B1 Datasheet HTML 4Page - NEC NE722S01-T1B1 Datasheet HTML 5Page - NEC NE722S01-T1B1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PART NUMBER
SUPPLY FORM
MARKING
NE722S01-T1
Tape & Reel 1000 pcs/reel
NE722S01-T1B1
Tape & Reel 4000 pcs/reel
Note:
1. Available if quantity is over 100k per month
ORDERING INFORMATION
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
PART NUMBER
NE722S01
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDS
Drain to Source Voltage
V
3
4
IDS
Drain Current
mA
30
40
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
5.0
VGS
Gate to Source Voltage
V
-5.0
VGD
Gate to Drain Voltage
V
-6.0
IDS
Drain Current
mA
IDSS
PT
Total Power Dissipation
mW
250
PIN
Input Power
mW
40
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-65 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NE722S01
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
Gate to Source Voltage, VGS (V)
60
40
80
20
0
-4.0
-2.0
VDS = 3.0 V
0
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
500
400
300
200
100
050
100
150
200
250
VDS = 3 V
IDS = 10 mA
12
16
20
0
8
4
15
10 14 20
50
MSG.
|S21S|
2
0.5
MAG.
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
When K
≤ 1, MAG is undefined and MSG values are used.
∆ = S11 S22 - S21 S12
MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Ambient Temperature, TA (°C)
Frequency, f (GHz)
MAXIMUM AVAILABLE GAIN, FORWARD
INSERTION GAIN vs. FREQUENCY
60
80
40
20
100
04
35
2
1
-0.5 V
-1.0 V
-2.0 V
VGS = 0.0 V
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
P


Similar Part No. - NE722S01-T1B1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE722S01-T1B1 CEL-NE722S01-T1B1 Datasheet
130Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
More results

Similar Description - NE722S01-T1B1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE722S01 CEL-NE722S01 Datasheet
130Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
logo
NEC
NE72218 NEC-NE72218 Datasheet
60Kb / 8P
   C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
   C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
   N-CHANNEL GaAs MES FET
1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com