Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD10150CT Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBRD10150CT
Description  Schottky Diode in a TO-252 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRD10150CT Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRD10150CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRD10150CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRD10150CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRD10150CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRD10150CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRD10150CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRD10150CT
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve
IF - TC
0
2
4
6
8
10
12
25
50
75
100
125
150
175
TC(℃)
IFSM
0
25
50
75
100
125
0
10
2030
4050
6070
8090
100
NO.OF CYCLES AT 60HZ
8.3ms Single Half Sine
Wave Jedec Method
IR - VR
0.01
0.1
1
10
100
0
30
60
90
120
150
VR(V)
TA=125℃
TA=25℃
IF - VF
0.1
1
10
100
0.2
0.4
0.6
0.8
1
VF(V)
TA=125℃
TA=25℃


Similar Part No. - MBRD10150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD10150CT SMC-MBRD10150CT Datasheet
191Kb / 8P
   SCHOTTKY RECTIFIER
logo
Jiangsu Changjiang Elec...
MBRD10150CT JIANGSU-MBRD10150CT Datasheet
754Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBRD10150CT GOOD-ARK-MBRD10150CT Datasheet
398Kb / 4P
   Schottky Barrier Rectifier
logo
Littelfuse
MBRD10150CT LITTELFUSE-MBRD10150CT Datasheet
563Kb / 3P
   Low forward voltage drop
logo
Micro Commercial Compon...
MBRD10150CT MCC-MBRD10150CT Datasheet
646Kb / 3P
   10 Amp Schottky Rectifier 150~200V
More results

Similar Description - MBRD10150CT

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV20100DCT FOSHAN-LV20100DCT Datasheet
742Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
MBRD10200CT FOSHAN-MBRD10200CT Datasheet
696Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
MBRD5100 FOSHAN-MBRD5100 Datasheet
861Kb / 6P
   Schottky diode in a TO-252 Plastic Package
MBRD10100CT FOSHAN-MBRD10100CT Datasheet
657Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV10150DCT FOSHAN-LV10150DCT Datasheet
664Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV10T100D FOSHAN-LV10T100D Datasheet
686Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV5S45D FOSHAN-LV5S45D Datasheet
699Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
LV10200D FOSHAN-LV10200D Datasheet
854Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
MBRD1045 FOSHAN-MBRD1045 Datasheet
965Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com