Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WV07P6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WV07P6X
Description  TinyLogic ULP-A Dual Buffer (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WV07P6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WV07P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WV07P6X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µA
VI = VCC or GND
0.90 to 3.60
±0.9
VCC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
0.90
13
ns
CL = 15 pF,
Figures
1, 2
tPLZ
RU = RD 1MΩ
1.10
≤ V
CC ≤ 1.30
2.0
6.0
15.0
1.0
18.6
CL = 15 pF,
1.40
≤ V
CC ≤ 1.60
1.0
3.2
8.7
1.0
9.7
RU = RD 2kΩ
1.65
≤ V
CC ≤ 1.95
1.0
2.0
6.0
1.0
6.8
CL = 30 pF
2.30
≤ V
CC < 2.70
0.7
1.2
3.6
0.6
4.7
RU = RD 500Ω
2.70
≤ V
CC ≤ 3.60
0.5
1.0
3.3
0.4
4.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
6.5
pF
CPD
Power Dissipation
0.90 to 3.60
10
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz
TEST
SWITCH
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC × 2 at VCC = 0.9V − 2.7V
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.1V
1.2 V
± 0.1V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VOL + 0.1V
VOL + 0.1V
VOL + 0.1V


Similar Part No. - NC7WV07P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07P6X FAIRCHILD-NC7WV07P6X Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07P6X ONSEMI-NC7WV07P6X Datasheet
371Kb / 10P
   TinyLogic ULP-A Bual Buffer
July 2012 Rev. 1.0.2
NC7WV07P6X ONSEMI-NC7WV07P6X Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WV07P6X FAIRCHILD-NC7WV07P6X_12 Datasheet
384Kb / 8P
   TinyLogic짰 ULP-A Bual Buffer (Open-Drain Output)
More results

Similar Description - NC7WV07P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07_06 Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07 ONSEMI-NC7WV07_V01 Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WP07 FAIRCHILD-NC7WP07 Datasheet
181Kb / 9P
   TinyLogic-R ULP Dual Buffer (Open Drain Output) (Preliminary)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38_V01 Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
NC7WV16 ONSEMI-NC7WV16 Datasheet
290Kb / 11P
   TinyLogic ULP-A Dual Buffer
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com