Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2035SS4 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2035SS4
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2035SS4 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2035SS4 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2035SS4 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A59
A
www.nkkswitches.com
LARGE TOGGLES
LARGE BUSHINGS
Panel Cutouts
Toggle & Bushing Combinations: These toggles combine with the 12mm bushings B1 & B3.
25°
(17.5)
.689
(6.0) Dia
.236
25°
(11.5)
.453
(6.0) Dia
.236
(3.6)
.140
25°
(15.5)
.610
(6.15)
.242
(12.0)
.472
M12 P1
(4.9)
.193
(1.1)
.043
(1.85)
.073
(18.0) Dia
.709
(10.9)
.429
M12 P1
(2.0)
.079
(12.0)
.472
(12.5) Dia
.492
(11.1)
.437
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
.689” (17.5mm)
Large Bat
.453” (11.5mm)
Large Bat
B
B2
.610” (15.5mm)
Large Flatted
R
Large .472” (12.0mm)
Threaded Splashproof with D Flat
Large .472” (12.0mm)
Threaded with Keyway
B1
B3
Standard Material & Finish: Brass with Bright Chrome
Optional Finishes: Contact factory for satin chrome or black.
Maximum Panel Thickness with
Standard Hardware: .216” (5.5mm)
Maximum Panel Thickness with
Standard Hardware: .256” (6.5mm)
Standard Hardware for B3:
1 hex face nut AT503M
and 1 o-ring AT401P
Standard Hardware for B1:
1 hex face nut AT503M, 1 locking ring AT506M,
1 lockwasher AT508, and 1 hex backup nut AT527M
For B1 Bushing
with Keyway
For B1 Bushing
with Locking Ring
For B3 Bushing
with D Flat


Similar Part No. - M2035SS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
M2035S VISHAY-M2035S Datasheet
136Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 19-May-08
M2035S-E3 VISHAY-M2035S-E3 Datasheet
120Kb / 5P
   Schottky Barrier Rectifier
Revision: 28-Nov-13
M2035S-E3 VISHAY-M2035S-E3 Datasheet
108Kb / 4P
   Schottky Barrier Rectifier
08-Feb-17
M2035S-E3 VISHAY-M2035S-E3_15 Datasheet
113Kb / 4P
   Schottky Barrier Rectifier
Revision: 28-Nov-13
More results

Similar Description - M2035SS4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com