Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2025SS4 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2025SS4
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2025SS4 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2025SS4 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2025SS4 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A58
A
www.nkkswitches.com
SMALL BUSHINGS
1/4-40 .350” (8.9mm)
Threaded with Keyway
S1
A1
.280” (7.1mm)
Smooth with Keyway
1/4-40 .280” (7.1mm)
Threaded with Keyway
A2
6mm/.350” (8.9mm)
Threaded with Keyway
S4
(0.9)
.035
(7.1)
.280
1/4-40 Thd
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(7.1)
.280
(6.2) Dia
.244
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(8.9)
.350
1/4-40 Thd
.350” (8.9mm)
Smooth with Keyway
S2
(0.9)
.035
(8.9)
.350
(6.2) Dia
.244
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(8.9)
.350
M6 P0.75
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
When using this bushing, toggle
length is increased by .070”.
When using this bushing, toggle length is
increased by .070”. Maximum Panel Thickness
with Standard Hardware: .031” (0.8mm)
1/4-40 .350” (8.9mm)
Threaded with D Flat
6mm/.350” (8.9mm)
Threaded Splashproof with D Flat
D8
D1
(5.8)
.228
(6.5) Dia
.256
1/4-40 .350” (8.9mm)
Threaded Splashproof with D Flat
D3
Standard Hardware Supplied for Small Bushings
Bushing Codes S1/S4
A1
D1/D4 D3/D8
L1/L4
L3/L8
Hardware
and
Quantity
Hex Nut
2
2
2
1
2
1
Locking Ring
1
1
0
0
1
0
Lockwasher
1
1
1
0
1
0
O-ring
0
0
0
1
0
1
(0.9)
.035
(8.9)
.350
1/4-40 Thd
(2.5)
.098
(8.0) Dia
.315
(1.5)
.059
(8.9)
.350
1/4-40 Thd
(2.5)
.098
(10.0) Dia
.394
(1.5)
.059
(8.9)
.350
M6 P0.75
(2.5)
.098
(10.0) Dia
.394
For S1, S2, A1, A2
or S4 Bushing with
Keyway & for L1
or L4 Bushing
For S1, A1 or
S4 Bushing with
Locking Ring & for
L1 or L4 Bushing
For D1, D4, D3 or
D8 Bushing with
D Flat & for L3
or L8 Bushing
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
D3 combines only with S, S2 & S3 toggles.
Maximum Panel Thickness with
Standard Hardware: .193” (4.9mm)
6mm/.350” (8.9mm)
Threaded with D Flat
D4
(2.5)
.098
(8.0) Dia
.315
(0.9)
.035
(8.9)
.350
M6 P0.75
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
D8 combines only with S, S2 & S3 toggles.
Maximum Panel Thickness with
Standard Hardware: .193” (4.9mm)
(6.5) Dia
.256
(5.6) or
.228
(0.6)
.024
(6.5) Dia
.256
(6.5) or
.240
(2.2) Dia
.087


Similar Part No. - M2025SS4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2025S2A2W40-BA ETC2-M2025S2A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2025S2S1W40-BA ETC2-M2025S2S1W40-BA Datasheet
343Kb / 10P
   General Specifications
M2025S3A2W40-BA ETC2-M2025S3A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2025S3S1W40-BA ETC2-M2025S3S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2025SS4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com