Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB5C-220RF1 Datasheet(PDF) 1 Page - Riedon Powertron

Part # UB5C-220RF1
Description  Miniature Silicone Coated Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UB5C-220RF1 Datasheet(HTML) 1 Page - Riedon Powertron

  UB5C-220RF1 Datasheet HTML 1Page - Riedon Powertron UB5C-220RF1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
1/16
Type
Wattage Rating
( Watts )
Maximum
Ohms 2
Dimensions
Maximum
Working
Voltage
MIL-R-26 /
MIL-R-39007
Style
A
±0.062”
[±1.6mm]
B3
±0.031”
[±0.8mm]
C1
±0.002”
[±0.05mm]
UB-1
1
3.4k
0.250 [6.4]
0.085 [2.2]
0.020 [0.5]
0.025 [0.6]
33
RW-81
RWR-81
UB-2
1.5
7.5k
0.312 [7.9]
0.078 [2.0]
0.020 [0.5]
0.025 [0.6]
42
RWR-82
UB-3
2
10k
0.406 [10.3]
0.094 [2.4]
0.025 [0.6]
0.020 [0.5]
80
RW-80
RWR-80
UB-3C
3
12.5k
0.350 [8.9]
0.156 [4.0]
0.032 [0.8]
135
UB-5
4
25k
0.560 [14.2]
0.187 [4.7]
0.032 [0.8]
162
UB-5C
5
32k
0.500 [12.7]
0.218 [5.5]
0.040 [1.0]
194
UB-6
6
50k
0.625 [15.9]
0.250 [6.4]
0.040 [1.0]
258
UB-10
7
95k
0.875 [22.2]
0.312 [7.9]
0.040 [1.0]
425
RW-84
UB-12
10
150k
1.220 [31.0]
0.312 [7.9]
0.040 [1.0]
607
UB-15
15
260k
1.780 [45.2]
0.375 [9.5]
0.040 [1.0]
1050
1
Lead Diameter: 18 AWG = 0.040” / 20 AWG = 0.032” / 22 AWG = 0.025” / 24 AWG = 0.020”
Where more than one lead is listed / the top value is Standard
2
For non-inductive windings / divide maximum resistance by 2
3
For non-inductive winding where R ≤ 0.10 Ohms, Tolerance is +0.063/-0.00 [+1.6/-0.0 mm]
UB Series
• High Power Rating in a Small Package
• Excellent Pulse Handling
• High Temperature: -55°C to +250°C
• Resistances from 0.02 to 260kOhms
• Power Rating 1 to 15Watts
• Resistance Tolerances to ± 0.01%
• Low TCR: ± 20ppm/K Standard
• MIL-R-26 / MIL-R-39007 Power Ratings
• Non-Inductive Windings Available
SPECIFICATIONS
Miniature Silicone Coated Power Resistors


Similar Part No. - UB5C-220RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB5C-0R25F1 RIEDON-UB5C-0R25F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-1RF1 RIEDON-UB5C-1RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results

Similar Description - UB5C-220RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-1 RIEDON-UB-1_16 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10RF1 RIEDON-UB15-10RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com