Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAL50-6RF8 Datasheet(PDF) 2 Page - Riedon Powertron

Part # UAL50-6RF8
Description  Aluminum Housed Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UAL50-6RF8 Datasheet(HTML) 2 Page - Riedon Powertron

  UAL50-6RF8 Datasheet HTML 1Page - Riedon Powertron UAL50-6RF8 Datasheet HTML 2Page - Riedon Powertron UAL50-6RF8 Datasheet HTML 3Page - Riedon Powertron UAL50-6RF8 Datasheet HTML 4Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/16
SPECIFICATIONS (continued)
UAL Series
Specification
Value
Tolerances
±0.01% to ±10% ( 1% Standard )
Temperature Coefficient
>10Ω : ±20ppm/K
1Ω to10Ω : ±50ppm/K
<1Ω : Call Factory
Temperature Range
-55°C to +275°C
Dielectric Strength
UAL-5,10: 1500 VAC ; UAL-25: 2500 VAC ; UAL-50: 3500VAC ; Others: 5500VAC
Constuction
Centerless ground ceramic core
Tinned copper or copperweld leads
High-temperature epoxy molding Compound
Anodized aluminum housing
All welded terminations
Environmental Performance
(MIL-STD 202)
∆R
Dielectric
±0.2% + 0.05Ω
Load Life
±1% + 0.05Ω
Storage
±0.2% + 0.05Ω
Moisture Resistance
±0.2% + 0.05Ω
Thermal Shock
±0.2% + 0.05Ω
5X Overload ( 5s )
±0.2% + 0.05Ω
Shock
±0.1% + 0.05Ω
Vibration
±0.1% + 0.05Ω
Optional Lead Configuation
Wire, Flexible, Teflon, Quick Disconnect, Flying Leads, Formed
Aluminum Housed Power Wirewound Resistors
Power Derating Curve
Free-air Derating
A : UAL-5, UAL-10
B : UAL-25
C : UAL-50, UAL-100, UAL-250
D : UAL-300
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Mo
un
te
d
on
He
ats
ink
A
B
C
D
*Call factory for quote


Similar Part No. - UAL50-6RF8

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL50-250RF8 RIEDON-UAL50-250RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL50-8RF8 RIEDON-UAL50-8RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results

Similar Description - UAL50-6RF8

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-300RF8 RIEDON-UAL10-300RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL50-250RF8 RIEDON-UAL50-250RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com