Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSN-2 Datasheet(PDF) 2 Page - Riedon Powertron

Part # RSN-2
Description  DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

RSN-2 Datasheet(HTML) 2 Page - Riedon Powertron

  RSN-2 Datasheet HTML 1Page - Riedon Powertron RSN-2 Datasheet HTML 2Page - Riedon Powertron RSN-2 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
02/17
www.riedon.com
Dimensions (mm)
Part Description: Part Type - Voltage Output (mV)
Example: RSN - 1 - 50
Ordering Information
91.26mm, 3.593
114.13mm, 4.500
133.35mm, 5.250
152.4 mm, 6000
31.75mm, 1.250
3/8-16 SCR
A
13.97 mm, .550
B
Type
50mV Output
Type
100mV Output
A
B
A
B
RSN-1-50
35.05
12.7
RSN-1-100
35.05
12.7
RSN-2-50
35.05
12.7
RSN-2-100
35.05
12.7
RSN-5-50
35.05
12.7
RSN-5-100
35.05
12.7
RSN-10-50
35.05
12.7
RSN-10-100
35.05
12.7
RSN-20-50
35.05
12.7
RSN-20-100
35.05
12.7
RSN-50-50
35.05
12.7
RSN-50-100
35.05
12.7
RSN-100-50
35.05
12.7
RSN-100-100
35.05
12.7
RSN-150-50
35.05
12.7
RSN-150-100
35.05
12.7
RSN-200-50
35.05
12.7
RSN-200-100
35.05
12.7
RSN-250-50
41.40
19.05
RSN-250-100
35.05
12.7
RSN-300-50
41.40
19.05
RSN-300-100
35.05
12.7
RSN-400-50
41.40
19.05
RSN-400-100
41.40
19.05
RSN-500-50
41.40
19.05
RSN-500-100
41.40
19.05
RSN Series
DC Ammeter Shunts / Busbar Shunts
1 Amp - 500 Amp


Similar Part No. - RSN-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSN-2 RIEDON-RSN-2 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20 RIEDON-RSN-20 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-200 RIEDON-RSN-200 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-250 RIEDON-RSN-250 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
More results

Similar Description - RSN-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
   DC Ammeter Shunts
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Riedon Powertron
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
List of Unclassifed Man...
DER10A ETC2-DER10A Datasheet
49Kb / 2P
   Accessories Shunts for DC Currents
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com