Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF2203-75RF1 Datasheet(PDF) 3 Page - Riedon Powertron

Part # PF2203-75RF1
Description  TO-220 Power Thin Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2203-75RF1 Datasheet(HTML) 3 Page - Riedon Powertron

  PF2203-75RF1 Datasheet HTML 1Page - Riedon Powertron PF2203-75RF1 Datasheet HTML 2Page - Riedon Powertron PF2203-75RF1 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
03/17
PULSE ENERGY DURABILITY
PF2200 Series
TO-220 Power Thin Film Resistors
Pulse Peak Power (W)
10n 100n 1u
10u
100u 1m
10m 100m
1
10
1000k
100k
10k
1k
PF2202_10ohm-1%
Pulse Energy Durability
200W
20W
Tentative continuous-pulse power allowance at
duty 0.01. Load life test will be necessary in
actual equipment, Because curve will be changed
by resistance, repetition, duty and operating
temperature. Dotted shows estimation.
100
10
Pulse Peak Power (W)
10n 100n 1u
10u
100u 1m
10m 100m
1
10
1000k
100k
10k
1k
PF2203_10ohm-1%
Pulse Energy Durability
400W
35W
Tentative continuous-pulse power allowance at
duty 0.01. Load life test will be necessary in
actual equipment, Because curve will be changed
by resistance, repetition, duty and operating
temperature. Dotted shows estimation.
100
10
Pulse Peak Power (W)
10n 100n 1u
10u
100u 1m
10m 100m
1
10
1000k
100k
10k
1k
PF2205_10ohm-1%
Pulse Energy Durability
400W
50W
Tentative continuous-pulse power allowance at
duty 0.01. Load life test will be necessary in
actual equipment, Because curve will be changed
by resistance, repetition, duty and operating
temperature. Dotted shows estimation.
100
10


Similar Part No. - PF2203-75RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
More results

Similar Description - PF2203-75RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com