Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9174AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9174AP
Description  Digital Subscriber Interface Circuit with RxSB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9174AP Datasheet HTML 1Page - Mitel Networks Corporation MT9174AP Datasheet HTML 2Page - Mitel Networks Corporation MT9174AP Datasheet HTML 3Page - Mitel Networks Corporation MT9174AP Datasheet HTML 4Page - Mitel Networks Corporation MT9174AP Datasheet HTML 5Page - Mitel Networks Corporation MT9174AP Datasheet HTML 6Page - Mitel Networks Corporation MT9174AP Datasheet HTML 7Page - Mitel Networks Corporation MT9174AP Datasheet HTML 8Page - Mitel Networks Corporation MT9174AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
9-137
9-137
®
Features
Receive sync output pulse
Full duplex transmission over a single twisted
pair
Selectable 80 or 160 kbit/s line rate
Adaptive echo cancellation
Up to 3km (9173) and 4 km (9174) loop reach
ISDN compatible (2B+D) data format
Transparent modem capability
Frame synchronization and clock extraction
MITEL ST-BUS compatible
Low power (typically 50 mW), single 5V supply
Applications
•TDD Digital PCS (DECT, CT2, PHS) base
stations requiring cell synchronization
Digital subscriber lines
High speed data transmission over twisted
wires
Digital PABX line cards and telephone sets
80 or 160 kbit/s single chip modem
Figure 1 - Functional Block Diagram
DSTi/Di
CDSTi/
F0/CLD
C4/TCK
F0o/RCK
MS0
MS1
MS2
RegC
DSTo/Do
CDSTo/
CDo
Transmit
Interface
Prescrambler
Scrambler
Control
Register
Transmit/
Clock
Receive
Timing &
Control
Status
Transmit
Timing
Master Clock
Phase Locked
Sync Detect
Receive
DPLL
Receive
Interface
De-
Prescrambler
Descrambler
Differentially
Encoded Biphase
Receiver
Differentially
Encoded Biphase
Transmitter
Transmit
Filter &
Line Driver
Receive
Filter
-1
+2
MUX
Address
Echo Canceller
Error
Signal
Echo Estimate
VBias
VDD
VSS VBias VRef
LOUT
LOUT
DIS
Precan
LIN
OSC2
OSC1
+
CDi
RxSB
ISSUE 2
March 1997
Description
The MT9173 (DSIC) and MT9174 (DNIC) are
functionally identical to the MT9171/72 except for the
addition of one feature. The MT9173/74 include a
digital output pin indicating the temporal position of
the received "SYNC" bit of the biphase transmission.
This feature is especially useful for systems such as
PCS wireless base station applications requiring
close synchronization between microcells.
The MT9173 and MT9174 are identical except for the
MT9173 having a shorter loop reach. The generic
"DNIC" will be used to reference both devices unless
otherwise noted. The MT9173/74 are fabricated in
Mitel’s ISO2-CMOS process.
Ordering Information
MT9173AE
24 Pin Plastic DIP (300mil)
MT9173AN
24 Pin SSOP
MT9173AP
28 Pin PLCC
MT9174AE
24 Pin Plastic DIP (300 mil)
MT9174AN
24 Pin SSOP
MT9174AP
28 Pin PLCC
-40
°C to +85°C
MT9173/74
Digital Subscriber Interface Circuit with RxSB
Digital Network Interface Circuit with RxSB
ISO2-CMOS ST-BUS
™ FAMILY


Similar Part No. - MT9174AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174AP MITEL-MT9174AP Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
logo
Zarlink Semiconductor I...
MT9174AP ZARLINK-MT9174AP Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
More results

Similar Description - MT9174AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Mitel Networks Corporat...
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com