Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPR2A-0R005F1 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FPR2A-0R005F1
Description  Precision Shunt Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR2A-0R005F1 Datasheet(HTML) 1 Page - Riedon Powertron

  FPR2A-0R005F1 Datasheet HTML 1Page - Riedon Powertron FPR2A-0R005F1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/15
FPR 2-T218
Precision Shunt Resistors
Type
FPR 2-T218
Resistance Range
0.002 to 20 Ohms
Power rating
free air 70°C
with heatsink
2 W
30 W
Thermal Resistance
2.5 °C/W
Tolerances
from 0.002 Ohms
from 0.01 Ohms
from 0.02 Ohms
1% / 2% / 5%
0.5% / 1% / 2% / 5%
0.25% / 0.5% / 1% / 2% / 5%
Stability (1000h)
0.1% / 0.2% / 0.5%
(depends on stress)
Temperature Coefficient
R ≤ 0.01 Ohm
R ≤ 0.05 Ohm
R ≤ 0.5 Ohm
R ˃ 0.5 Ohm
±300
±100
±50
±30
Voltage Proof
300 VDC
Thermal EMF
< 0.1µV/°C
Operating Temperature Range
-40°C to 130°C
Resistor Material
CuNiMn-Foil
Substrate
anodized aluminium
Housing
PPS
Connector Material
Cu / Tinned
Terminals
2
Max. Torque
1 Nm
SPECIFICATIONS
Part Description: Part Type - Resistance - Contact - Tolerance
FPR 2-T218 0.068 Ohms C 0.5%
Ordering Information
• Resistances from 0.002 Ohm to 20 Ohms
• Power Rating to 30Watt
• Resistance Tolerances to ±0.25%
• TCR to ±30 ppm/°C
• Load Stability to 0.1%
• TO-218 (TO-247) Housing
0
20
40
60
80
100
120
25
50
85
100
115
130
Temperature of the backplate (°C)
0.5%
0.1%
0.2%
Derating
Power Rating Notes -
The FPR Series Resistors must be attached to a suitable heatsink.
The maximum internal resistor temperature is 130°C.
To specify an appropriate heatsink use the following formula :
Where:
R
θ
H = Thermal Resistance of Heatsink ( K/W )
R
θ
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
( *
)
R
P
T
P
R
T
H
MAX
R
A
=
-
-
H
H


Similar Part No. - FPR2A-0R005F1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2A-0R5F1 RIEDON-FPR2A-0R5F1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results

Similar Description - FPR2A-0R005F1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-1617 RIEDON-FPR2-1617 Datasheet
358Kb / 3P
   Precision Shunt Resistors
FHR2-3025 RIEDON-FHR2-3025_13 Datasheet
280Kb / 4P
   Precision Shunt Resistors
FPR2A-0R5F1 RIEDON-FPR2A-0R5F1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_15 Datasheet
210Kb / 2P
   Precision Shunt Resistors
USR4-1410 RIEDON-USR4-1410 Datasheet
261Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com