Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9624BZSP Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9624BZSP
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624BZSP Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9624BZSP Datasheet HTML 4Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 5Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 6Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 7Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 8Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 9Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 10Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 11Page - Richtek Technology Corporation RT9624BZSP Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9624B
8
DS9624B-07
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Time (20ns/Div)
Dead Time
No Load
(5V/Div)
UGATE
PHASE
LGATE
Time (20ns/Div)
Dead Time
No Load
(5V/Div)
UGATE
PHASE
LGATE
Time (20ns/Div)
PWM Rising Edge
UGATE
(20V/Div)
PHASE
(10V/Div)
PWM
(10V/Div)
LGATE
(10V/Div)
Time (20ns/Div)
Dead Time
(5V/Div)
UGATE
PHASE
LGATE
Full Load
Time (20ns/Div)
Dead Time
(5V/Div)
Full Load
UGATE
PHASE
LGATE
Time (20ns/Div)
PWM Falling Edge
UGATE
(20V/Div)
PHASE
(10V/Div)
PWM
(10V/Div)
LGATE
(10V/Div)


Similar Part No. - RT9624BZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9624BZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D_15 Datasheet
153Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
   Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
RT9624G RICHTEK-RT9624G Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com