Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4503 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation RT4503 Datasheet HTML 12Page - Richtek Technology Corporation RT4503 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
RT4503/A
www.richtek.com
DS4503/A-03
June 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Soft-Start
The RT4503/A includes a soft-start function to avoid high
inrush current during start-up. The soft-start function is
achieved by clamping the output voltage of the error
amplifier with another voltage source that is increased
slowly from zero to near VIN.
LED Current
The loop control of the Boost converter keeps VFB equal
to a reference voltage, VREF. Therefore, when RSET is
connected between the FB pin and GND, the LED current
will be determined by the current through RSET, which is
equal to VFB / RSET.
Current Limit
The current flowing through the inductor during a charging
period is detected by a current sensing circuit. If the value
exceeds the current limit, the N-MOSFET will be turned
off. The inductor will then be forced to leave charging stage
and enter discharging stage. Therefore, the inductor current
will not increase to reach current limit.
Shutdown Delay
When the EN voltage is in logic low for 20ms during PWM
dimming for RT4503 and 2ms during pulse dimming for
RT4503A, the system will enter shutdown.
FB
REF
V
= Duty V
Where :
Duty = duty cycle of the PWM signal
VREF = internal reference voltage (200mV typ.)
The RT4503 chops up the internal 200mV reference voltage
via the duty cycle of the PWM signal. Therefore, although
a PWM signal is used for brightness dimming, only the
LED DC current is modulated, which is often referred as
analog dimming. This eliminates the audible noise which
often occurs when the LED current is pulsed in replica of
the frequency and duty cycle of PWM control. For optimum
performance, use the PWM dimming frequency in the
range of 1kHz to 100kHz.
PWM Dimming
When the EN pin is constantly high, the FB voltage is
regulated to 200mV typically. The RT4503 allows a PWM
signal from EN pin to reduce the regulation voltage; and
achieve LED brightness dimming. The relationship
between the duty cycle and FB voltage is given by
FB
Duty1 x 200mV
1kHz < fPWM < 100kHz
Duty2
Duty1
Duty2 x 200mV
TSHDN > 20ms
EN
Period1
Period2


Similar Part No. - RT4503

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT450V470M16X41 MERITEK-RT450V470M16X41 Datasheet
151Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - RT4503

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
   Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
   750KHz Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
   1MHz Asynchronous Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com