Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2507M Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # RS2507M
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

RS2507M Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  RS2507M Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. RS2507M Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (RS2501M THRU RS2507M)
POWER DISSIPATION
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
04
8
12
16
20
24
60
50
40
30
20
10
0
sine wave
Tj=150
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TC = 150 (TYP)
TC = 25 (TYP)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
0.2
0.5
1
2
5
10
20
30
pulse test
per one diode
non-repetitive
Tj=25
1 cycle
8.3ms 8.3ms
0
SURGE FORWARD CURRENT CAPABILITY
NUMBER OF CYCLE
sine wave
300
250
200
150
1
2
5
10
20
50
100
TYPICAL FORWARD CURRENT
CONTACT THERMAL RESISTANCE fcf
MOUNTING TORQUE (Kg.cm)
with thermal compound
23
4
5
6
7
8
1
0.9
0.8
0.7
0.6
0.5
0.4
TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
heatsink
Tc
Tc
sine wave
R-load
on heatsink
80
90
100
110
120 130 140
150 160
30
22
20
24
14
12
26
28
18
16
10
DERATING CURVE
AMBIENT TEMPERATURE, (
)
on glass-epoxi substrate
P.C.B
soldering land 5mmf
sine wave
R-load
free in air
0
40
80
120
160
0
1
2
3
4
www.shunyegroup.com.cn


Similar Part No. - RS2507M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS2507M RECTRON-RS2507M Datasheet
30Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Shanghai Shunye Electro...
RS2507M SY-RS2507M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS2507MLS RECTRON-RS2507MLS Datasheet
299Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
More results

Similar Description - RS2507M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005 Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
Shanghai Shunye Electro...
GBJ25005 SHUNYE-GBJ25005 Datasheet
96Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com