Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1212Y2PAGR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MSC1212Y2PAGR
Description  Precision Analog-to-Digital Converter (ADC)
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1212Y2PAGR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button MSC1212Y2PAGR Datasheet HTML 3Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 4Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 5Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 6Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 7Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 8Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 9Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 10Page - Burr-Brown (TI) MSC1212Y2PAGR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
MSC1212
7
SBAS278A
www.ti.com
MD2
MD1
MD0
MOVX DURATION
tMCS
0
0
0
2 Machine Cycles
0
0
0
1
3 Machine Cycles (default)
4tCLK
0
1
0
4 Machine Cycles
8tCLK
0
1
1
5 Machine Cycles
12tCLK
1
0
0
6 Machine Cycles
16tCLK
1
0
1
7 Machine Cycles
20tCLK
1
1
0
8 Machine Cycles
24tCLK
1
1
1
9 Machine Cycles
28tCLK
AC ELECTRICAL CHARACTERISTICS(1)(2): DVDD = 2.7V to 5.25V
2.7V to 3.6V
4.75V to 5.25V
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
System Clock
fOSC(3)
D
External Crystal Frequency (fOSC)1
16
1
30
MHz
1/tOSC(3)
D
External Clock Frequency (fOSC)0
16
1
30
MHz
fOSC(3)
D
External Ceramic Resonator Frequency (fOSC)1
12
1
12
MHz
Program Memory
tLHLL
A
ALE Pulse Width
1.5tCLK – 5
1.5tCLK – 5ns
tAVLL
A
Address Valid to ALE LOW
0.5tCLK – 10
0.5tCLK – 7ns
tLLAX
A
Address Hold After ALE LOW
0.5tCLK
0.5tCLK
ns
tLLIV
A
ALE LOW to Valid Instruction In
2.5tCLK – 35
2.5tCLK – 25
ns
tLLPL
A
ALE LOW to PSEN LOW
0.5tCLK
0.5tCLK
ns
tPLPH
A
PSEN Pulse Width
2tCLK – 52tCLK – 5ns
tPLIV
A
PSEN LOW to Valid Instruction In
2tCLK – 40
2tCLK – 30
ns
tPXIX
A
Input Instruction Hold After PSEN
5
–5ns
tPXIZ
A
Input Instruction Float After PSEN
tCLK – 5tCLK
ns
tAVIV
A
Address to Valid Instruction In
3tCLK – 40
3tCLK – 25
ns
tPLAZ
A
PSEN LOW to Address Float
0
0
ns
Data Memory
tRLRH
B
RD Pulse Width (tMCS = 0)(4)
2tCLK – 52tCLK – 5ns
B
RD Pulse Width (tMCS > 0)(4)
tMCS – 5tMCS – 5ns
tWLWH
C
WR Pulse Width (tMCS = 0)(4)
2tCLK – 52tCLK – 5ns
C
Pulse Width (tMCS > 0)(4)
tMCS – 5tMCS – 5ns
tRLDV
B
RD LOW to Valid Data In (tMCS = 0)(4)
2tCLK – 40
2tCLK – 30
ns
B
RD LOW to Valid Data In (tMCS > 0)(4)
tMCS – 40
tMCS – 30
ns
tRHDX
B
Data Hold After Read
–5
–5ns
tRHDZ
B
Data Float After Read (tMCS = 0)(4)
tCLK
tCLK
ns
B
Data Float After Read (tMCS > 0)(4)
2tCLK
2tCLK
ns
tLLDV
B
ALE LOW to Valid Data In (tMCS = 0)(4)
2.5tCLK – 40
2.5tCLK – 25
ns
B
ALE LOW to Valid Data In (tMCS > 0)(4)
tCLK + tMCS – 40
tCLK + tMCS – 25
ns
tAVDV
B
Address to Valid Data In (tMCS = 0)(4)
3tCLK – 40
3tCLK – 25
ns
B
Address to Valid Data In (tMCS > 0)(4)
1.5tCLK +tMCS – 40
1.5tCLK +tMCS – 25
ns
tLLWL
B, C
ALE LOW to RD or WR LOW (tMCS = 0)(4)
0.5tCLK – 5
0.5tCLK + 5
0.5tCLK – 5
0.5tCLK + 5
ns
B, C
ALE LOW to RD or WR LOW (tMCS > 0)(4)
tCLK – 5tCLK + 5
tCLK – 5tCLK + 5
ns
tAVWL
B, C
Address to RD or WR LOW (tMCS = 0)(4)
tCLK – 5tCLK – 5ns
B, C
Address to RD or WR LOW (tMCS > 0)(4)
2tCLK – 52tCLK – 5ns
tQVWX
C
Data Valid to WR Transition
–8
–5ns
tWHQX
C
Data Hold After WR
tCLK – 8tCLK – 5ns
tRLAZ
B
RD LOW to Address Float
–0.5tCLK – 5
–0.5tCLK – 5ns
tWHLH
B, C
RD or WR HIGH to ALE HIGH (tMCS = 0)(4)
–55
–55
ns
B, C
RD or WR HIGH to ALE HIGH (tMCS > 0)(4)
tCLK – 5tCLK + 5
tCLK – 5tCLK + 5
ns
External Clock
tHIGH
D
HIGH Time(5)
15
10
ns
tLOW
D
LOW Time(5)
15
10
ns
tR
D
Rise Time(5)
55
ns
tF
D
Fall Time(5)
55
ns
NOTES: (1) Parameters are valid over operating temperature range, unless otherwise specified. (2) Load capacitance for Port 0, ALE, and PSEN = 100pF,
load capacitance for all other outputs = 80pF. (3) tCLK = 1/fOSC = one oscillator clock period for clock divider = 1. (4) tMCS is a time period related to the Stretch
MOVX selection. The following table shows the value of tMCS for each stretch selection. (5) These values are characterized but not 100% production tested.


Similar Part No. - MSC1212Y2PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1212Y2PAGR TI-MSC1212Y2PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1212Y2PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com