Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1212Y5 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MSC1212Y5
Description  Precision Analog-to-Digital Converter (ADC)
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1212Y5 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  MSC1212Y5 Datasheet HTML 1Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 2Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 3Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 4Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 5Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 6Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 7Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 8Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
MSC1212
SBAS278A – MARCH 2003 – REVISED DECEMBER 2004
www.ti.com
FEATURES
ANALOG FEATURES
q 24-BITS NO MISSING CODES
q 22-BITS EFFECTIVE RESOLUTION AT 10Hz
Low Noise: 75nV
q PGA FROM 1 TO 128
q PRECISION ON-CHIP VOLTAGE REFERENCE:
Accuracy: 0.2%
Drift: 5ppm/
°C
q 8 DIFFERENTIAL/SINGLE-ENDED CHANNELS
q ON-CHIP OFFSET/GAIN CALIBRATION
q OFFSET DRIFT: 0.02PPM/
°C
q GAIN DRIFT: 0.5PPM/
°C
q ON-CHIP TEMPERATURE SENSOR
q SELECTABLE BUFFER INPUT
q BURNOUT DETECT
q QUAD 16-BIT MONOTONIC VOLTAGE DACs:
2 VDACs Can Be Programmed as IDACs
8
µs Settling Time
DIGITAL FEATURES
Microcontroller Core
q 8051 COMPATIBLE
q HIGH SPEED CORE:
4 Clocks per Instruction Cycle
q DC TO 30MHz
q SINGLE INSTRUCTION 133ns
q DUAL DATA POINTER
Memory
q UP TO 32kB FLASH DATA MEMORY
q FLASH MEMORY PARTITIONING
q ENDURANCE 1M ERASE/WRITE CYCLES,
100-YEAR DATA RETENTION
q IN-SYSTEM SERIALLY PROGRAMMABLE
q EXTERNAL PROGRAM/DATA MEMORY (64kB)
q 1280 BYTES DATA SRAM
q FLASH MEMORY SECURITY
q 2kB BOOT ROM
q PROGRAMMABLE WAIT STATE CONTROL
Copyright © 2003-2004, Texas Instruments Incorporated
Precision Analog-to-Digital Converter (ADC)
and Digital-to-Analog Converters (DACs)
with 8051 Microcontroller and Flash Memory
MSC
1212
®
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Peripheral Features
q 34 I/O PINS
q ADDITIONAL 32-BIT ACCUMULATOR
q THREE 16-BIT TIMER/COUNTERS
q SYSTEM TIMERS
q PROGRAMMABLE WATCHDOG TIMER
q FULL-DUPLEX DUAL USARTS
q MASTER/SLAVE SPIWITH DMA
q 16-BIT PWM
q POWER MANAGEMENT CONTROL
q INTERNAL CLOCK DIVIDER
q IDLE MODE CURRENT < 200
µA
q STOP MODE CURRENT < 100nA
q PROGRAMMABLE BROWNOUT RESET
q PROGRAMMABLE LOW VOLTAGE DETECT
q 21 INTERRUPT SOURCES
q TWO HARDWARE BREAKPOINTS
GENERAL FEATURES
q PIN-COMPATIBLE WITH MSC1210/11/13/14
q PACKAGE: TQFP-64
q LOW POWER: 4mW
q INDUSTRIAL TEMPERATURE RANGE:
–40
°C to +85°C
q POWER SUPPLY: 2.7V to 5.25V
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q LIQUID/GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
q INTELLIGENT SENSORS
q PORTABLE APPLICATIONS
q DAS SYSTEMS
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSC1212Y5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1212Y5 TI-MSC1212Y5 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5 TI1-MSC1212Y5 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1212Y5PAGR TI-MSC1212Y5PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5PAGT TI-MSC1212Y5PAGT Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5PAGT TI1-MSC1212Y5PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results

Similar Description - MSC1212Y5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com