Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1212Y5 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MSC1212Y5
Description  Precision Analog-to-Digital Converter (ADC)
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1212Y5 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  MSC1212Y5 Datasheet HTML 1Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 2Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 3Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 4Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 5Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 6Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 7Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 8Page - Burr-Brown (TI) MSC1212Y5 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
MSC1212
4
SBAS278A
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications from TMIN to TMAX, AVDD = +3V, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF ≡ (REF IN+) – (REF IN–) = +1.25V,
unless otherwise noted. For VDAC, VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF, unless otherwise noted.
ELECTRICAL CHARACTERISTICS: AVDD = 5V (Cont.)
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V,
unless otherwise noted. For VDAC, VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF, unless otherwise noted.
MSC1212Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
VOLTAGE DAC OUTPUT CHARACTERISTICS(6)
Output Voltage Range
AGND
AVDD
V
Output Voltage Settling Time
To
±0.003% FSR, 0200
H to FD00H
8
µs
Slew Rate
1V/
µs
DC Output Impedance
7
Short-Circuit Current
All 1s Loaded to DAC Register
20
mA
IDAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
Maximum VREF = 2.5V
25
mA
Maximum Short-Circuit Current Duration
Indefinite
Compliance Voltage
AVDD – 1.5
V
Relative Accuracy
Over Full Range
0.185
% of FSR
Zero Code Error
0.5
% of FSR
Full-Scale Error
–0.4
% of FSR
Gain Error
–0.6
% of FSR
ANALOG POWER-SUPPLY REQUIREMENTS
Analog Power-Supply Voltage
AVDD
4.75
5.25
V
Analog Current
IADC + IVREF
Analog OFF, PDAD = 1
< 1
nA
ADC Current
IADC
PGA = 1, Buffer OFF
200
µA
PGA = 128, Buffer OFF
500
µA
PGA = 1, Buffer ON
240
µA
PGA = 128, Buffer ON
850
µA
VDAC Current
IVDAC
Excluding Load Current External Reference
250
µA
VREF Supply Current
IVREF
ADC ON, VDAC OFF
250
µA
NOTES: (1) Calibration can minimize these errors. (2) The gain calibration cannot have a REF IN+ of more than AVDD – 1.5V with buffer ON. To calibrate gain,
turn buffer off. (3)
∆V
OUT is change in digital result. (4) 9pF switched capacitor at fSAMP clock frequency (see Figure 6). (5) Linearity calculated using a reduced code
range of 512 to 65024; output unloaded. (6) Ensured by design and characterization, not production tested.
MSC1212Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0-AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 50mV
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–); See Figure 4
±V
REF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA
M
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 • fDATA
Sinc2 Filter
–3dB
0.318 • fDATA
Sinc3 Filter
–3dB
0.262 • fDATA
Programmable Gain Amplifier
User-Selectable Gain Ranges
1
128
Input Capacitance
Buffer On
9
pF
Input Leakage Current
Multiplexer Channel Off, T = +25
°C
0.5
pA
Burnout Current Sources
Sensor Input Open Circuit
±2
µA
ADC OFFSET DAC
Offset DAC Range
±V
REF/(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
1
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
ENOB
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input
±0.0015
%FSR
Offset Error
After Calibration
7.5
ppm of FS
Offset Drift(1)
Before Calibration
0.02
ppm of FS/
°C
Gain Error(2)
After Calibration
0.005
%
Gain Error Drift(1)
Before Calibration
1.0
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
–50
50
% of FS


Similar Part No. - MSC1212Y5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1212Y5 TI-MSC1212Y5 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5 TI1-MSC1212Y5 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1212Y5PAGR TI-MSC1212Y5PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5PAGT TI-MSC1212Y5PAGT Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1212Y5PAGT TI1-MSC1212Y5PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results

Similar Description - MSC1212Y5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com