Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52759SP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M52759SP
Description  UNIFORMITY FOR CRT DISPLAY MONITOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52759SP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M52759SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
UNIFORMITY FOR CRT DISPLAY MONITOR
PROVISINAL INFORMATION
M52759SP
MITSUBISHI <LINEAR IC>
(
/
25 )
2.ELECTRICAL CHARACTERISTICS
(Ta=25°C, Vcc=12V, unless otherwise noted)
Parameter
Symbol
Test conditions
Circuit current1
Circuit current2
Reference
voltage output
HORIZONTAL BLOCK
H-pulse low
input range
6
2.4V in 7 Measure 15 3.0V in
17
fH=96KHz H-pulse in 19 6.1V in
H-pulse high
input range
H-pulse low
input current
17
0V in,measure
H-pulse high
input current
H parabola
width
H parabola
delay 1
H parabola
delay 2
H parabola
delay 3
Pin 15 input
current
No
1
2
3
ICCH
ICCV
VREF
21.5
15.1
27.9
mA
7.4
5.2
9.6
mA
6.95
6.75
7.15
V
No
4
5
6
7
8
9
10
11
12
VIL
0.0
2.0
V
VIH
3.0
VCC
-2.0
V
IIL
-0.6
-0.1
-5.0
µA
µA
0.0
1.0
-1.0
IIH
TW
µsec
0.8
TD1
TD2
TD3
µsec
µsec
µsec
I 15
-0.3
-5.0
-0.1
µA
Pin
ns/deg
13
DD
DREF
ppm/deg
49
14
Limits
MIN TYP MAX
Unit
Delay
temperature drift
Parameter
Symbol
Test conditions
Pin
Limit
s
MIN
TYP MAX
Unit
Reference voltage
temperature drift
0.08
0.3
0.6
3.1
0.6
1.0
0.1
0.5
0.4
0.8
2.9
3.3
14 Measure
10
20
14
14
14 Measure
20 Measure
10 Measure
6
2.4V in 7 Measure 15 3.0V in
17
fH=96KHz H-pulse in 19 6.1V in
17
5V in,measure
6
2.4V in 7 Measure 15 3.0V in
17
fH=96KHz H-pulse in 19 6.1V in
6
2.4V in 7 Measure 15 4.0V in
17
fH=96KHz H-pulse in 19 6.1V in
6
2.4V in 7 Measure 15 0V in
17
fH=96KHz H-pulse in 19 6.1V in
6
2.4V in 7 Measure 15 1.3V in
17
fH=96KHz H-pulse in 19 6.1V in
6
2.4V in 7 Measure 15 3.0V in
17
fH=96KHz H-pulse in 19 6.1V in
17
2.5V in,measure
15
7
7
7
7
7
17
17
7
7
6


Similar Part No. - M52759SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
More results

Similar Description - M52759SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
logo
Mitsubishi Electric Sem...
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com