Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGFM104C-D2 Datasheet(PDF) 7 Page - Formosa MS

Part # SGFM104C-D2
Description  SMD Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SGFM104C-D2 Datasheet(HTML) 7 Page - Formosa MS

  SGFM104C-D2 Datasheet HTML 1Page - Formosa MS SGFM104C-D2 Datasheet HTML 2Page - Formosa MS SGFM104C-D2 Datasheet HTML 3Page - Formosa MS SGFM104C-D2 Datasheet HTML 4Page - Formosa MS SGFM104C-D2 Datasheet HTML 5Page - Formosa MS SGFM104C-D2 Datasheet HTML 6Page - Formosa MS SGFM104C-D2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SGFM101C-D2
THRU SGFM108C-D2
SMD Super Fast Rectifiers
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16" 1/32"
at 245 5
for 5 sec.
V =80% rate at T =150
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities
DS-121424
2009/02/10
2014/11/05
F
7


Similar Part No. - SGFM104C-D2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SGFM104C-D2 FORMOSA-SGFM104C-D2 Datasheet
104Kb / 7P
   10.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SGFM104C-D2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SGFM161C-D2 FORMOSA-SGFM161C-D2_17 Datasheet
60Kb / 7P
   SMD Super Fast Rectifiers
logo
Comchip Technology
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
SF1005-G COMCHIP-SF1005-G Datasheet
76Kb / 3P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G_12 Datasheet
97Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com