Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM16 Datasheet(PDF) 3 Page - Formosa MS

Part # SFM16
Description  Chip Super Fast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM16 Datasheet(HTML) 3 Page - Formosa MS

  SFM16 Datasheet HTML 1Page - Formosa MS SFM16 Datasheet HTML 2Page - Formosa MS SFM16 Datasheet HTML 3Page - Formosa MS SFM16 Datasheet HTML 4Page - Formosa MS SFM16 Datasheet HTML 5Page - Formosa MS SFM16 Datasheet HTML 6Page - Formosa MS SFM16 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
Rating and characteristic curves (SFM11 THRU SFM18)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
T =25 C
J
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
DERATING CURVE
LEAD TEMPERATURE ( C)
°
1.6
1.8
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121403
2008/02/10
2010/05/10
D
7
NUMBER OF CYCLES AT 60Hz
10
0
20
30
40
50
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
P.C.B. Mounted on
0.2"x0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas


Similar Part No. - SFM16

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM16 FORMOSA-SFM16 Datasheet
69Kb / 2P
   Super fast recovery type
logo
Weitron Technology
SFM16 WEITRON-SFM16 Datasheet
210Kb / 3P
   Surface Mount Super Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
SFM16 WINNERJOIN-SFM16 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
SFM16 WINNERJOIN-SFM16 Datasheet
113Kb / 2P
   SMA
logo
Rectron Semiconductor
SFM16 RECTRON-SFM16 Datasheet
103Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - SFM16

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-L FORMOSA-SFM11-L_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifier
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com