Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF374A Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF374A
Description  RF POWER FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF374A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF374A Datasheet HTML 2Page - Motorola, Inc MRF374A Datasheet HTML 3Page - Motorola, Inc MRF374A Datasheet HTML 4Page - Motorola, Inc MRF374A Datasheet HTML 5Page - Motorola, Inc MRF374A Datasheet HTML 6Page - Motorola, Inc MRF374A Datasheet HTML 7Page - Motorola, Inc MRF374A Datasheet HTML 8Page - Motorola, Inc MRF374A Datasheet HTML 9Page - Motorola, Inc MRF374A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF374A
6
MOTOROLA RF DEVICE DATA
Table 2. MRF374 Broadband Test Circuit Component Designations and Values
Designation
Description
C1
0.8 pF Chip Capacitor, B Case, ATC
C2
8.2 pF Chip Capacitor, B Case, ATC
C3A, B, C14A, B
100 pF Chip Capacitors, B Case, ATC
C4
7.5 pF Chip Capacitor, B Case, ATC
C5
3.0 pF Chip Capacitor, B Case, ATC
C6
9.1 pF Chip Capacitor, B Case, ATC
C7
15 pF Chip Capacitor, B Case, ATC
C8A, B
12 pF Chip Capacitors, B Case, ATC
C9A, B
4.7 pF Chip Capacitors, B Case, ATC
C10
10 pF Chip Capacitor, B Case, ATC
C11
3.6 pF Chip Capacitor, B Case, ATC
C12
3.0 pF Chip Capacitor, B Case, ATC
C13
2.7 pF Chip Capacitor, B Case, ATC
C15A, B
3.3
mF, 100 V Chip Capacitors, Vitramon #VJ3640Y335KXBAT
C16A, B
22
mF, 35 V Chip Capacitors, Kemet #491D226K035AS
C17A, B
3.9 pF Chip Capacitors, B Case, ATC
C18A, B
2.2
mF, 50 V Chip Capacitors, Vitramon #VJ2225Y225KXAAT
C19
10
mF, 35 V Chip Capacitor, Kemet #T491D106K035AS
L1A, B, L3A, B, L4, L5
8.0 nH, Coilcraft #A03T
L2, L6
12.5 nH, Coilcraft #A04T
R1A, B
22
Ω, 1/8 W Chip Resistor, Vishay Dale (1206)
R2A, B, R7A, B
10
Ω, 1/8 W Chip Resistor, Vishay Dale (1206)
R3
390
Ω, 1/8 W Chip Resistor, Vishay Dale (1206)
R4
2.4 k
Ω, 1/8 W Chip Resistor, Vishay Dale (1206)
R5T
470
Ω Thermistor, KOA SPEER MOT #0680149M01
R6
6.8 k
Ω, 1/2 W Resistor (Axial Lead), Vishay Dale (2010)
PCB
MRF374 Printed Circuit Board Rev 03, Rogers RO4350,
Height 30 mils,
εr = 3.48
Balun B1, B2
Vertical 660 MHz Broadband Balun, Printed Circuit Board Rev 01,
Rogers RO3010, Height 50 mils,
εr = 10.2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF374A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF374A FREESCALE-MRF374A Datasheet
370Kb / 12P
   RF Power Field Effect Transistors
MRF374A FREESCALE-MRF374A_06 Datasheet
370Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF374A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com