Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF373ALR1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF373ALR1
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF373ALR1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF373ALR1 Datasheet HTML 1Page - Motorola, Inc MRF373ALR1 Datasheet HTML 2Page - Motorola, Inc MRF373ALR1 Datasheet HTML 3Page - Motorola, Inc MRF373ALR1 Datasheet HTML 4Page - Motorola, Inc MRF373ALR1 Datasheet HTML 5Page - Motorola, Inc MRF373ALR1 Datasheet HTML 6Page - Motorola, Inc MRF373ALR1 Datasheet HTML 7Page - Motorola, Inc MRF373ALR1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF373ALR1 MRF373ALSR1
MOTOROLA RF DEVICE DATA
Figure 1. MRF373ALR1/ALSR1 Narrowband Test Circuit Component Layout
C14
R1
C7
C1
C9
C8
C10
C2
C3
C6
C5
C16
C15
L1
C13
MRF373A
C4
C1
1
C12
C17
R3
R2
Rev 01
VDD
VGG
RF INPUT
RF OUTPUT
Table 1. MRF373ALR1/ALSR1 Narrowband Test Circuit Component Layout Designations and Values
Designation
Description
C1, C2
18 pF Chip Capacitors, B Case, ATC
C3
12 pF Chip Capacitor, B Case, ATC
C4
1.8 pF Chip Capacitor, B Case, ATC
C5, C10
51 pF Chip Capacitors, B Case, ATC
C6
0.3 pF Chip Capacitor, B Case, ATC (Used only on the MRF373AS)
C7
15 pF Chip Capacitor, B Case, ATC
C8
10 pF Chip Capacitor, B Case, ATC
C9
2.7 pF Chip Capacitor, B Case, ATC
C11
0.5 pF Chip Capacitor, B Case, ATC
C12
1000 pF Chip Capacitor, B Case, ATC
C13
39 pF Chip Capacitor, B Case, ATC
C14, C15
470 pF Chip Capacitors, B Case, ATC
C16
2.2 mF, 100 V Chip Capacitor, Vishay #VJ3640Y225KXBAT
C17
10 mF, 35 V Tantalum Capacitor, Kemet #T491D106K35AS
L1A
12 nH, Coilcraft #A04T
R1, R2
390 Ω, 1/2 Ω Chip Resistors, Vishay Dale (2010)
R3
1 kΩ, 1/2 Ω Chip Resistor, Vishay Dale (2010)
PCB
Arlon GX-0300-55, 30 mils, εr = 2.55
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF373ALR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF373ALR1 FREESCALE-MRF373ALR1 Datasheet
372Kb / 10P
   RF Power Field Effect Transistors
MRF373ALR1 FREESCALE-MRF373ALR1_08 Datasheet
372Kb / 10P
   RF Power Field Effect Transistors
More results

Similar Description - MRF373ALR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com