Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER502 Datasheet(PDF) 6 Page - Formosa MS

Part # HER502
Description  Axial Leaded High Effciency Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER502 Datasheet(HTML) 6 Page - Formosa MS

  HER502 Datasheet HTML 1Page - Formosa MS HER502 Datasheet HTML 2Page - Formosa MS HER502 Datasheet HTML 3Page - Formosa MS HER502 Datasheet HTML 4Page - Formosa MS HER502 Datasheet HTML 5Page - Formosa MS HER502 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
HER501 THRU HER508
DS-222318
2009/02/10
2010/03/10
C
6
Axial Leaded High Effciency Rectifiers
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
6. Forward Operation Life
7. Intermittent Operation Life
8. Pressure Cooker
9. Temperature Cycling
10. Forward Surge
11. Humidity
12. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
2.0kg in axial lead direction for 10 sec.
IF=IO
2.0kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times
o
V =80% rate at T =125 C for 168 hrs.
R
J
o
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min,
on and off for 500 cycles.
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave one surge.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-202F
METHOD-211A
MIL-STD-202F
METHOD-211A
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference


Similar Part No. - HER502

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
HER502 JUXING-HER502 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Mospec Semiconductor
HER502 MOSPEC-HER502 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Nanjing International G...
HER502 DGNJDZ-HER502 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER502 BILIN-HER502 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nantong Hornby Electron...
HER502 HORNBY-HER502 Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER502

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER201G FORMOSA-HER201G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501G FORMOSA-HER501G Datasheet
107Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301G FORMOSA-HER301G Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com