Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER205 Datasheet(PDF) 3 Page - Formosa MS

Part # HER205
Description  Axial Leaded High Effciency Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER205 Datasheet(HTML) 3 Page - Formosa MS

  HER205 Datasheet HTML 1Page - Formosa MS HER205 Datasheet HTML 2Page - Formosa MS HER205 Datasheet HTML 3Page - Formosa MS HER205 Datasheet HTML 4Page - Formosa MS HER205 Datasheet HTML 5Page - Formosa MS HER205 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (HER201 THRU HER208)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
0
20
40
80
100
60
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.2-TYPICAL FORWARD CURRENT
0.4
0
0.8
1.2
1.6
2.0
2.4
DERATING CURVE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (°C)
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222307
2008/02/10
2010/03/10
C
6
CHARACTERISTICS
FORWARD VOLTAGE,(V)
FIG.1-TYPICAL FORWARD
1.0
.1
.01
10
20
2.5
2.0
1.5
1.0
.5
0
3.0
3.5
Pulse Width=300us
1% Duty Cycle
TJ = 25
OC
HER201~HER203
HER204~HER205
HER206~HER208


Similar Part No. - HER205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER205 TSC-HER205 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Won-Top Electronics
HER205 WTE-HER205 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER205 JUXING-HER205 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Micro Commercial Compon...
HER205 MCC-HER205 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Rugao Dachang Electroni...
HER205 DACHANG-HER205 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
More results

Similar Description - HER205

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER201G FORMOSA-HER201G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501G FORMOSA-HER501G Datasheet
107Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301G FORMOSA-HER301G Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501 FORMOSA-HER501_17 Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com