Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR605 Datasheet(PDF) 2 Page - Formosa MS

Part # FR605
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR605 Datasheet(HTML) 2 Page - Formosa MS

  FR605 Datasheet HTML 1Page - Formosa MS FR605 Datasheet HTML 2Page - Formosa MS FR605 Datasheet HTML 3Page - Formosa MS FR605 Datasheet HTML 4Page - Formosa MS FR605 Datasheet HTML 5Page - Formosa MS FR605 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Package outline
Page 2
Features
Axial lead type devices for through hole design.
High current capability.
Fast switching for high efficiency.
High surge capability.
Silicon rubber coating chip junction.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free parts, ex. FR601-H.
Formosa MS
6.0A Axial
Fast Recovery
Rectifiers - 50V-1000V
Leaded
FR601
FR602
FR603
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FR604
FR605
400
600
280
420
1.30
-55 to +125
t
rr
(ns)
*5
150
50
100
200
400
600
FR606
FR607
800
1000
560
700
800
1000
250
500
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
A
A
μA
pF
6.0
300
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
100
150
Storage temperature
T
STG
OC
+175
-65
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =6.0A
F
*5 Maximum Reverse recovery time, note 1
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, P600
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 1.75 gram
FR601 THRU FR607
Document ID
Issued Date
Revised Date
Revision
Page.
Dimensions in inches and (millimeters)
P600
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.10)
.340(8.60)
.052(1.32)
.048(1.22)
.360(9.10)
.340(8.60)
DS-222223
2009/02/10
2010/03/10
C
6
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Axial Leaded Fast Recovery Rectifiers


Similar Part No. - FR605

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR605 WTE-FR605 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR605 MCC-FR605 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FR605 TSC-FR605 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR605 CHONGQING-FR605 Datasheet
178Kb / 1P
   6.0AMPS. FAST RECOVERY RECTIFIERS
logo
RFE international
FR605 RFE-FR605 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
More results

Similar Description - FR605

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101G FORMOSA-FR101G_17 Datasheet
107Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com